Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-C195 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-C195
Description  Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-C195 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-C195 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-C195 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket
Configuration
Cable Design
Low Loss
Inner Conductor Material and Plating
Copper
Dielectric Type
PE (F)
Shield Materials
Aluminum Foil, Tinned Copper Braid
Jacket Material and Color
PE, Black
Electrical Specifications
Impedance, Ohms
50
Velocity of Propagation, %
80
Maximum Operating Frequency, GHz
5.8
Cutoff Frequency, GHz
41
RF Shielding, dB
90
Capacitance, pF/ft [pF/m]
25.4 [83.33]
Jacket Spark, Vrms
5,000
Peak Power, KWatts
2,500
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
150
Attenuation, dB/100ft [dB/100m]
4.3 [14.11]
Power Handling, Watts
350
Frequency 2
Frequency, MHz
220
Attenuation, dB/100ft [dB/100m]
5.2 [17.06]
Power Handling, Watts
290
Frequency 3
Frequency, MHz
450
Attenuation, dB/100ft [dB/100m]
7.5 [24.61]
Power Handling, Watts
200
Frequency 4
Frequency, MHz
900
Attenuation, dB/100ft [dB/100m]
10.7 [35.1]
Power Handling, Watts
140
Frequency 5
Frequency, GHz
1.5
Attenuation, dB/100ft [dB/100m]
13.4 [43.96]
Power Handling, Watts
110
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket PE-C195
PE-C195
PE-C195 REV
Low Loss Flexible RG58 Type Coax Cable
Double Shielded with Black PE Jacket


Similar Part No. - PE-C195

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-C100 PASTERNACK-PE-C100 Datasheet
92Kb / 1P
50 OHM COAXIAL CABLE
PE-C100-LSZH PASTERNACK-PE-C100-LSZH Datasheet
365Kb / 4P
Low Loss Flexible RG174 Type Coax Cable Double Shielded with Black LSZH Jacket
More results

Similar Description - PE-C195

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-C240 PASTERNACK-PE-C240 Datasheet
1Mb / 4P
Low Loss Flexible RG8X Type Coax Cable Double Shielded with Black PE Jacket
PE-C300 PASTERNACK-PE-C300 Datasheet
1Mb / 3P
Low Loss Flexible .300 inch Foam Dielectric Type Coax Cable Double Shielded with Black PE Jacket
PE-C400 PASTERNACK-PE-C400 Datasheet
464Kb / 3P
Low Loss Flexible RG8 Type Coax Cable Double Shielded with Black PE Jacket
PE-C600 PASTERNACK-PE-C600 Datasheet
471Kb / 4P
Low Loss Flexible .600 inch Foam Dielectric Type Coax Cable Double Shielded with Black PE Jacket
RG71B-U PASTERNACK-RG71B-U Datasheet
314Kb / 3P
93 Ohm Flexible RG71 COAX Cable Double Shielded with Black PE Jacket
PE-C100-LSZH PASTERNACK-PE-C100-LSZH Datasheet
365Kb / 4P
Low Loss Flexible RG174 Type Coax Cable Double Shielded with Black LSZH Jacket
PE-P086HF PASTERNACK-PE-P086HF Datasheet
629Kb / 4P
Flexible PE-P086HF Coax Cable Double Shielded with Blue FEP Jacket
PE-P141HF PASTERNACK-PE-P141HF Datasheet
640Kb / 4P
Flexible PE-P141HF Coax Cable Double Shielded with Blue FEP Jacket
RG55B-U PASTERNACK-RG55B-U Datasheet
1Mb / 3P
53 Ohm Flexible RG55 Coax Cable Double Shielded with Black PE Jacket
RG58C-U PASTERNACK-RG58C-U Datasheet
426Kb / 3P
Flexible RG58 Coax Cable Single Shielded with Black PVC (NC) Jacket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com