Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-P141LL Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-P141LL
Description  PRECISION LOW LOSS,141 EQUIVALENT, 50 OHM FLEXIBLE CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-P141LL Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-P141LL Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE-P141LL

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P141 PASTERNACK-PE-P141 Datasheet
267Kb / 4P
Flexible Version of 141 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PE-P141HF PASTERNACK-PE-P141HF Datasheet
640Kb / 4P
Flexible PE-P141HF Coax Cable Double Shielded with Blue FEP Jacket
More results

Similar Description - PE-P141LL

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73056 POMONA-73056 Datasheet
134Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG58, 141
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Pasternack Enterprises,...
PE36676-18 PASTERNACK-PE36676-18 Datasheet
244Kb / 1P
50 GHz FLEXIBLE CABLE ASSEMBLY 50 GHz FLEXIBLE CABLE ASSEMBLY
LMR-100A PASTERNACK-LMR-100A Datasheet
225Kb / 2P
Flexible Low Loss Communications Coax
LMR-195 PASTERNACK-LMR-195 Datasheet
236Kb / 2P
Flexible Low Loss Communications Coax
LMR-200 PASTERNACK-LMR-200 Datasheet
292Kb / 4P
Flexible Low Loss Communications Coax
LMR-240 PASTERNACK-LMR-240 Datasheet
356Kb / 4P
Flexible Low Loss Communications Coax
LMR-400 PASTERNACK-LMR-400 Datasheet
405Kb / 2P
Flexible Low Loss Communications Coax
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com