Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT15GT60KR Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT15GT60KR
Description  The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15GT60KR Datasheet(HTML) 1 Page - Advanced Power Technology

  APT15GT60KR Datasheet HTML 1Page - Advanced Power Technology APT15GT60KR Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
C
E
TO-220
G
C
E
MIN
TYP
MAX
600
-15
345
1.6
2.0
2.5
2.8
40
1000
±100
Characteristic / Test Conditions
Collector-Emitter Breakdown Voltage (VGE = 0V, IC = 0.5mA, Tj = -55°C)
Collector-Emitter Reverse Breakdown Voltage (VGE = 0V, IC = 50mA)
Gate Threshold Voltage
(VCE = VGE, IC = 400µA, Tj = 25°C)
Collector-Emitter On Voltage (VGE = 15V, IC = IC2, Tj = 25°C)
Collector-Emitter On Voltage (VGE = 15V, IC = IC2, Tj = 150°C)
Collector Cut-off Current (VCE = VCES, VGE = 0V, Tj = 25°C)
Collector Cut-off Current (VCE = VCES, VGE = 0V, Tj = 150°C)
Gate-Emitter Leakage Current (VGE = ±20V, VCE = 0V)
Symbol
BVCES
RBVCES
VGE(TH)
VCE(ON)
ICES
IGES
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Volts
µA
nA
Symbol
VCES
VCGR
VEC
VGE
IC1
IC2
ICM1
ICM2
EAS
PD
TJ,TSTG
TL
Parameter
Collector-Emitter Voltage
Collector-Gate Voltage (RGE = 20KΩ)
Emitter-Collector Voltage
Gate-Emitter Voltage
Continuous Collector Current @ TC = 25°C
Continuous Collector Current @ TC = 110°C
Pulsed Collector Current 1
@ TC = 25°C
Pulsed Collector Current 1
@ TC = 110°C
Single Pulse Avalanche Energy 2
Total Power Dissipation
Operating and Storage Junction Temperature Range
Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec.
APT15GT60KR
600
600
15
±20
31
15
60
30
24
135
-55 to 150
300
UNIT
Volts
Amps
mJ
Watts
°C
APT15GT60KR
600V
31A
The Thunderbolt IGBTis a new generation of high voltage power IGBTs.
Using Non-Punch Through Technology the Thunderbolt IGBT™ offers superior
ruggedness and ultrafast switching speed.
• Low Forward Voltage Drop
• High Freq. Switching to 150KHz
• Low Tail Current
• Ultra Low Leakage Current
• Avalanche Rated
• RBSOA and SCSOA Rated
Thunderbolt IGBT
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
Bend, Oregon 97702 -1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT Website - http://www.advancedpower.com


Similar Part No. - APT15GT60KR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15GT60BR ADPOW-APT15GT60BR Datasheet
24Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60BRD ADPOW-APT15GT60BRD Datasheet
68Kb / 5P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
Thunderbolt IGBT
APT15GT60BRDQ1G ADPOW-APT15GT60BRDQ1G Datasheet
427Kb / 9P
Thunderbolt IGBT
logo
Microsemi Corporation
APT15GT60BRDQ1G MICROSEMI-APT15GT60BRDQ1G Datasheet
2Mb / 44P
Power Semiconductors Power Modules
More results

Similar Description - APT15GT60KR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT12GT60BR ADPOW-APT12GT60BR Datasheet
24Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs
APT15GT60BR ADPOW-APT15GT60BR Datasheet
24Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60AR ADPOW-APT20GT60AR Datasheet
27Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60CR ADPOW-APT20GT60CR Datasheet
28Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60AR ADPOW-APT30GT60AR Datasheet
27Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60CR ADPOW-APT30GT60CR Datasheet
28Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60KR ADPOW-APT30GT60KR Datasheet
25Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT60GT60JR ADPOW-APT60GT60JR Datasheet
32Kb / 2P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT60GT60JRD ADPOW-APT60GT60JRD Datasheet
75Kb / 5P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT8GT60KR ADPOW-APT8GT60KR Datasheet
87Kb / 4P
The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com