Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFO2175-850-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IFO2175-850-FL
Description  Fanless and noiseless operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFO2175-850-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IFO2175-850-FL Datasheet HTML 1Page - Axiomtek Co., Ltd. IFO2175-850-FL Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
431
Thermal module
I/O cover
Compact CD-ROM drive
1. Brightness adjust buttons
2. Volume adjust buttons
3. Power LED
4. Power switch
5. MIC
6. DC-in power conn.
7. COM 1 (RS-232)
8. VGA
9. Ethernet x 2
10. USB 2.0 x 2
11. PS/2 K/B+M/S
12. COM 3 (RS-232)
13. COM 2 (RS-232)
14. Audio (Mic-in/Line-out)
Camera
IFO2175-850-FL
17" TFT High Performance Fanless Touch
Panel Computer with Intel
® Core2 Duo
Processor up to 2.53 GHz
17" high brightness (380 nits) SXGA TFT LCD
Socket P for Intel
® Core™2 Duo/ Celeron® M processor with
FSB 667/800/1066 MHz
Water/dust-proof design (front bezel: IP65, full enclosure:
IPX1)
Fanless and noiseless operation
Optional 1.3 mega pixels camera
Optional Bluetooth/internal WiFi (802.11 b/g)
Introduction
Specifications
The IFO2175-850-FL is a slim panel computer equipped with 17-inch 380 nits SXGA
LCD display and supports superior Intel
® Core™2 Duo/Celeron® M processor. Powered
by Intel
® GM/GL45 +ICH9M core logic chipset with maximum 256 MB sharing graphics
memory, and overall better graphics performance. The panel also supports Dual View and
multiple I/O options including 2 USB 2.0 and 3 RS-232 ports. The built-in 1.3 mega pixels
camera and microphone/speakers can provide a solution for VoIP and remote monitoring.
The IFO2175-850-FL supports an antenna for wireless (802.11 b/g) expansion. The dual
Gigabit Ethernet ports can provide a extremely high speed of Ethernet and highly reliable
redundancy host connection. The IFO2175-850-FL is designed to work with low noise,
low power consumption, high reliability and high performance applications. Its excellent
industrial design (ID) and user friendly interface design makes it a safe, reliable & user-
friendly panel computer. Best suited for infotainment, media content display and DSA
solutions.
Water/dust-proof design for entire system: IPX1
The IPX1-rated water/dust-proof housing protects the entire system from outside damage
of water drip in public place. This unique design improves system stability and save
maintenance/re-installation time.
Front Bezel
Plastic ABS (Black)
LCD Panel
Display Type
17" SXGA TFT
Brightness (cd/m
2)
380 nits
Resolution
1280 x 1024
Viewing Angle (H/V) 160°/160°
Main System
CPU
Socket P for Intel
® Core™2 Duo/
Celeron
® M processor with FSB
667/800/1066 MHz
Chipset
Intel
® GM/GL45 + ICH9M
System Memory
Supports 1 DDR3 SO-DIMM memory
up to 4 GB
BIOS
AMI BIOS with SmartView and
customer CMOS backup
Storage
1 x 2.5" SATA HDD
Optical Drive
1 x Super Multi drive (optional)
Watchdog Timer
255 levels, 1~255 sec.
Onboard Graphics
Intel
® GM45
Features
IP65
IPX1
Fanless
Low Power DualView
1
6
7
10
8
9
11
12
13 14
4
3
5
2
Side view
Rear view
DDR3
DDR3
DDR3
AiRD


Similar Part No. - IFO2175-850-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-830-FL AXIOMTEK-IFO2175-830-FL Datasheet
384Kb / 2P
Fanless and noiseless operation
IFO2175-873 AXIOMTEK-IFO2175-873 Datasheet
515Kb / 2P
Supports optional wall mount, VESA arm and desktop stand
IFO2175-873-NP-DRW AXIOMTEK-IFO2175-873-NP-DRW Datasheet
635Kb / 2P
Optional one PCI or PCIe x4 expansion slot
IFO2175-873 AXIOMTEK-IFO2175-873_16 Datasheet
635Kb / 2P
Optional one PCI or PCIe x4 expansion slot
IFO2175-873 AXIOMTEK-IFO2175-873_17 Datasheet
640Kb / 2P
17 SXGA TFT Fanless Super Slim Touch Panel Computer with 3rd Generation Intel
More results

Similar Description - IFO2175-850-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-830-FL AXIOMTEK-IFO2175-830-FL Datasheet
384Kb / 2P
Fanless and noiseless operation
IFO2225-830-FL AXIOMTEK-IFO2225-830-FL Datasheet
335Kb / 2P
Fanless and noiseless operation
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
Supports fanless and noiseless operation
logo
Murata Manufacturing Co...
PRF18BE471RB1RB MURATA-PRF18BE471RB1RB Datasheet
197Kb / 3P
contactless operation provides noiseless operation
PRF18BE471RS2RB MURATA-PRF18BE471RS2RB Datasheet
207Kb / 3P
contactless operation provides noiseless operation
PRF18BF471RS5RB MURATA-PRF18BF471RS5RB Datasheet
207Kb / 3P
contactless operation provides noiseless operation
PRF21AR471QB1RA MURATA-PRF21AR471QB1RA Datasheet
196Kb / 3P
contactless operation provides noiseless operation
PRF21BA471QB1RA MURATA-PRF21BA471QB1RA Datasheet
196Kb / 3P
contactless operation provides noiseless operation
logo
Axiomtek Co., Ltd.
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
Supports fanless and noiseless operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com