Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG6-CATV Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG6-CATV
Description  75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC(NC) Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG6-CATV Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG6-CATV Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG6-CATV Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG6-CATV Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC (NC) Jacket
Configuration
Inner Conductor Material and Plating
Copper
Dielectric Type
PE (F)
Shield Materials
Aluminum Foil, Aluminum Braid
Jacket Material and Color
PVC (NC), Black
Electrical Specifications
Impedance, Ohms
75
Velocity of Propagation, %
85
Maximum Operating Frequency, GHz
3
RF Shielding, dB
70
Capacitance, pF/ft [pF/m]
16.2 [53.15]
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
5
Attenuation, dB/100ft [dB/100m]
0.58 [1.9]
Frequency 2
Frequency, MHz
250
Attenuation, dB/100ft [dB/100m]
3.3 [10.83]
Frequency 3
Frequency, MHz
550
Attenuation, dB/100ft [dB/100m]
4.9 [16.08]
Frequency 4
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
6.55 [21.49]
Frequency 5
Frequency, GHz
1.45
Attenuation, dB/100ft [dB/100m]
7.9 [25.92]
Frequency 6
Frequency, GHz
1.75
Attenuation, dB/100ft [dB/100m]
8.75 [28.71]
Frequency 7
Frequency, GHz
2.15
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC (NC) Jacket RG6-
CATV
RG6-CATV
RG6-CATV REV
75 Ohm Flexible RG6-CATV Coax Cable Triple
Shielded with Black PVC (NC) Jacket


Similar Part No. - RG6-CATV

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
RG6-100 L-COM-RG6-100 Datasheet
182Kb / 1P
Bulk Cable Specification
10/22/14
RG6-100 L-COM-RG6-100 Datasheet
182Kb / 1P
Bulk Cable Specification
10/22/14
RG6-100 L-COM-RG6-100 Datasheet
182Kb / 1P
Bulk Cable Specification
10/22/14
logo
Adam Technologies, Inc.
RG6-1A-P-24-VDC ADAM-TECH-RG6-1A-P-24-VDC Datasheet
91Kb / 1P
RELAY 24 VDC FORM A PCB TYPE
logo
Infinite Electronics In...
RG6-1K L-COM-RG6-1K Datasheet
182Kb / 1P
Bulk Cable Specification
10/22/14
More results

Similar Description - RG6-CATV

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG6A-U PASTERNACK-RG6A-U Datasheet
279Kb / 3P
75 Ohm Flexible RG6 Coax Cable Double Shielded with Black PVC (NC) Jacket
RG11A-U PASTERNACK-RG11A-U Datasheet
468Kb / 3P
75 Ohm Flexible RG11 Coax Cable Single Shielded with Black PVC Jacket
RG59B-U PASTERNACK-RG59B-U Datasheet
467Kb / 3P
75 Ohm Flexible RG59 Coax Cable Single Shielded with Black PVC(NC) Jacket
RG8X PASTERNACK-RG8X Datasheet
1Mb / 3P
Flexible RG8X Coax Cable Single Shielded with Black PVC NC Jacket
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
PE-B150 PASTERNACK-PE-B150 Datasheet
1Mb / 3P
75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket
RG8A-U PASTERNACK-RG8A-U Datasheet
240Kb / 3P
Flexible RG8 Coax Cable Single Shielded with Black PVC (NC) Jacket
RG58C-U PASTERNACK-RG58C-U Datasheet
426Kb / 3P
Flexible RG58 Coax Cable Single Shielded with Black PVC (NC) Jacket
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
RG223-U PASTERNACK-RG223-U Datasheet
399Kb / 3P
Flexible RG223 Coax Cable Double Shielded with Black PVC Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com