Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG71B-U Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG71B-U
Description  93 Ohm Flexible RG71 COAX Cable Double Shielded with Black PE Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG71B-U Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG71B-U Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG71B-U Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG71B-U Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Inner Conductor
Number of Strands
1
Material
Copper Clad Steel
Diameter, in [mm]
0.025 [0.64]
Dielectric:
Type
PE (AS)
Diameter, in [mm]
0.146 [3.71]
Shield:
Number of
2
Material 1
Tinned Copper Braid
Material 2
Tinned Copper Braid
Diameter, in [mm]
0.198 [5.03]
Jacket:
Material
PE
Diameter, in [mm]
0.25 [6.35]
Color
Black
Weight, lbs/ft [Kg/m]
0.044 [0.07]
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
93 Ohm Flexible RG71 Coax Cable Double Shielded with Black PE Jacket from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 93 Ohm Flexible RG71 Coax Cable Double Shielded with Black PE Jacket RG71B/U
URL: http://www.pasternack.com/flexible-0.250-rg71-93-ohm-coax-cable-pe-jacket-rg71b-u-p.aspx
RG71B/U
RG71B/U REV
93 Ohm Flexible RG71 Coax Cable Double
Shielded with Black PE Jacket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com