Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-FXO-35F Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # VC-FXO-35F
Description  Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

VC-FXO-35F Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  VC-FXO-35F Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CMOS/ 3.3V/ 5.0V/ 7.0
×5.0mm
RoHS Compliant
Features
• Surface mouont type suitable for auto
pick-and-place
• Reflow soldering compatible
• Supply voltage VCC
=3.3/ 5.0V available
• for DTV, DVD Applications
How to Order
KV7050A 27.0000 C 3 S C 00
①
②
③ ④ ⑤ ⑥ ⑦
① Type
② Output Frequency
③ Output Type (CMOS)
④ Supply Voltage 5=5.0V, 3=3.3V
⑤ Frequency Tolerance (S=±30×10-6)
⑥ Symmetry (40/ 60%)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
Specifications
Item
Symbol
Specifications
Units
KV7050Axx.xxxxC5SC00 (VC-FXO-35F) KV7050Axx.xxxxC3SC00 (VC-FXO-35FL)
Output Frequency Range
fo
8 to 30
8 to 30
MHz
Frequency Tolerance (Overall)
f_tol
±30
×10-6
Storage Temperature Range
T_stg
-35 to +85
°C
Operating Temperature Range
T_use
-10 to +70
°C
Max. Supply Voltage
—
7 max.
V
Supply Voltage
VCC
5
±5%
3.3
±5%
V
Current Consumption
ICC
25 max.
20 max.
mA
Symmetry
SYM
40 to 60@50%VCC
%
Rise/ Fall Time
tr/ tf
10 max.
15 max.
ns
Low Level Output Voltage
VOL
0.5 max.
V
High Level Output Voltage
VOH
90% VCC min.
V
CMOS Load
L_CMOS
15
pF
Start-up Time
t_str
10 max.
ms
Voltage Control Range
f_cont
±50 min.
±50 min.
×10-6
Frequency Deviation
f_cont
2.5V
±2.5V
1.65V
±1.65V
V
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
(Unit: mm)
Recommended Land Pattern
(Unit: mm)
7.0±0.2
14.318
KSS 4G
#1
#2
#3
#4
6.2±0.2
5.08±0.2
1.4
0.6
Pad Connections
#1 VC
#2 GND
#3 Output
#4 VCC
5.08
1.8
Note: A capacitor of value 0.01µF between VCC
and GND is recommended.
Voltage Controlled Crystal Oscillators (VCXO)
Surface Mount Type KV7050A Series (VC-FXO-35F Series)


Similar Part No. - VC-FXO-35F

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VC-FXO-35F KSS-VC-FXO-35F Datasheet
170Kb / 1P
Voltage Controlled SMD Crystal Oscillator
VC-FXO-35FL KSS-VC-FXO-35FL Datasheet
170Kb / 1P
Voltage Controlled SMD Crystal Oscillator
More results

Similar Description - VC-FXO-35F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-400 VECTRON-VC-400 Datasheet
78Kb / 4P
Voltage Controlled Crystal Oscillators (VCXO?셲)
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT8MSV ACT-ACT8MSV Datasheet
116Kb / 2P
4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/09/04
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9CSV ACT-ACT9CSV Datasheet
96Kb / 1P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
logo
Kyocera Kinseki Corpota...
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050C-P3 KSS-KV7050C-P3 Datasheet
140Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com