| Electronic Components Datasheet Search |
|
AV200 Datasheet(PDF) 1 Page - A-Data Technology |
|
|
|||||||||||||||||||||||||||||
AV200 Datasheet(HTML) 1 Page - A-Data Technology |
|
1 / 2 page ![]() www.adata-group.com Features > Easy to create wireless hotspot: With support for 802.11 b/g/n wireless networking, the AV200 can act as a wireless router/AP (Access Point), conveniently connecting to the internet through an Ethernet to create a wireless hotspot. The internet connection can be shared by up to 5 devices at the same time. > Repeater function extends wireless signal: With the wireless repeater mode of the AV200, the wireless signal can be extended. So in addition to sharing data from an SD Card or USB Flash drive, loss of wireless signal to a remote device can be prevented. > Supports power over built-in battery or USB port: A built-in rechargeable battery eliminates the need for an external power source, and is easily recharged with the supplied mini USB cable. DashDrive Air AV200 Overview WARRANTY 1 YEAR Air DashDrive > Data transfer between devices and SD card/UFD: ● The AV200 adopts FTP file server/HTTP streaming protocol to provide simple data transfer and sharing, providing mobile devices (iOS/ Android/Windows/OS X) with wireless access to an SD Card or USB Flash drive. ● The DashDrive Air application is designed for iPad, iPod Touch and iPhone users. It requires iOS 5.0 or later versions, and can be easily downloaded for use with the AV200. ● Supports up to 5 users reading files or up to 3 users watching streaming videos at the same time. |
Similar Part No. - AV200 |
|
Similar Description - AV200 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |