Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MENB1050 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1050
Description  Medical Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1050 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1050 Datasheet HTML 1Page - SL Power Electronics MENB1050 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________ 2 of 2
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
Notes:
1. Contact factory for "Q" and "N" option availability.
Model
"A" = Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NB" = Model Series Designator
Output Pow er:
"050" = 50 Watts
# of Outputs
"1" = Single Output
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, see next page.
Output Connector: "03" = 2.5m m Barrel Type Connector. Other options available, contact factory.
Model Number Key
VV 03
MENB
01
1 050 A
F
IEC320 - C14
IEC320 - C18
IEC320 - C8
Class I
Class II
Class II
Grounded (F) Ungro unded (Q)
"Shaver" (N)
Input Receptacle Options
Output Connector
Dimensions are in mm (Cable length is 1500mm on 12V thru 24V models)
Data Sheet © 2010 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 12-22-2010
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENB1050A0503F01
5 V
6.00 A
30.0 W
50mV
MENB1050A0903F01
9 V
5.00 A
45.0 W
90mV
MENB1050A1203F01
12 V
4.20 A
50.4 W
120mV
MENB1050A1503F01
15 V
3.36 A
50.4 W
150mV
MENB1050A1803F01
18 V
2.80 A
50.4 W
180mV
MENB1050A2403F01
24 V
2.10 A
50.4 W
240mV
Notes: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
Outline Drawing
DATE CODE
MENB1050
Universal Input 50 Watt Series
Medical Switch-Mode Power Supply
3 Year Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com