Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLS06WWX3 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KLS06WWX3
Description  Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KLS06WWX3 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KLS06WWX3 Datasheet HTML 1Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 2Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 3Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 4Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 5Page - COSMO  Electronics Corporation KLS06WWX3 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT
SPECIFICATION
DATE: 11/27/2006
NO. 61L70034
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLS06WWX3 SHEET 3 OF 6
REV.
1
6. Wavelength Characteristics
Relative spectral power intensity of white vs. wavelength (Ta=25
oC)
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
7. Light Output Characteristics
Relative light output vs. junction temperature
Junction Temperature vs. Relative Luminous Flux
0.1
1.0
10.0
-40
-20
0
20
40
60
80
100
Junction Temperature Ta[
oC]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com