Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30D60B Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT30D60B
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30D60B Datasheet(HTML) 4 Page - Advanced Power Technology

  APT30D60B Datasheet HTML 1Page - Advanced Power Technology APT30D60B Datasheet HTML 2Page - Advanced Power Technology APT30D60B Datasheet HTML 3Page - Advanced Power Technology APT30D60B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PEARSON 411
CURRENT
TRANSFORMER
0.5 IRRM
di
F/dt Adjust
30µH
D.U.T.
+15v
-15v
0v
Vr
4
3
1
2
5
5
0.75 IRRM
trr/Qrr
Waveform
Zero
6
1
2
3
4
6
di
F/dt - Current Slew Rate, Rate of Forward
Current Change Through Zero Crossing.
I
F - Forward Conduction Current
I
RRM - Peak Reverse Recovery Current.
trr - Reverse Recovery Time Measured from Point of IF
Qrr - Area Under the Curve Defined by IRRM and trr.
diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Current Falling Through Zero to a Tangent Line
{
diM/dt
}
Extrapolated Through Zero Defined by 0.75 and 0.50 I
RRM.
6
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
Figure 10, Diode Reverse Recovery Waveform and Definitions
Qrr = 1/2 (trr . IRRM)
APT Reserves the right to change, without notice, the specifications and information contained herein.
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-247 Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
10.90 (.430) BSC
3.50 (.138)
3.81 (.150)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Dimensions in Millimeters and (Inches)
Anode
Cathode
APT30D60B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com