Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9505 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9505
Description  Precision SMA Male to SMA Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9505 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9505 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9505 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9505 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Male to SMA Male Adapter
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Impedance, Ohms
50
Maximum VSWR
1.2:1
Mechanical Specifications
Size
Length, in [mm]
0.86 [21.84]
Width/Dia., in [mm]
0.313 [7.95]
.
Dielectric Type
PTFE
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Stainless Steel, Passivated
Coupling Nut Plating Specification
ASTM A380
Hex Size, in
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
ASTM A380
Connector 2
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Stainless Steel, Passivated
Coupling Nut Plating Specification
ASTM A380
Hex Size, in
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
ASTM A380
Precision SMA Male to SMA Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Male to SMA Male Adapter PE9505
PE9505
PE9505 REV


Similar Part No. - PE9505

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
Precision 2.4mm Male to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
Precision 2.4mm Male to N Female Adapter
PE9502 PASTERNACK-PE9502 Datasheet
251Kb / 3P
Precision 2.4mm Female to N Female Adapter
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
Precision 2.4mm Female to N Male Adapter
More results

Similar Description - PE9505

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE9439 PASTERNACK-PE9439 Datasheet
251Kb / 2P
Precision SMA Male to TNC Male Adapter
PE9493 PASTERNACK-PE9493 Datasheet
253Kb / 2P
Precision SMA Male to BNC Male Adapter
PE9653 PASTERNACK-PE9653 Datasheet
255Kb / 3P
Precision SMA Male to 2.4mm Male Adapter
PE9722 PASTERNACK-PE9722 Datasheet
240Kb / 2P
Precision SMA Male to 3.5mm Male Adapter
PE9493 PASTERNACK-PE9493 Datasheet
253Kb / 2P
Precision SMA Male to BNC Male Adapter
PE9431 PASTERNACK-PE9431 Datasheet
259Kb / 3P
Precision SMA Male to N Male Adapter
PE91010 PASTERNACK-PE91010 Datasheet
245Kb / 3P
Precision SMA Male to 2.92mm Male Adapter
PE91151 PASTERNACK-PE91151 Datasheet
373Kb / 3P
Precision SMA Male to SMA Male Right Angle Adapter Mitered
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
SMA Male to SMA Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com