Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIMB-M02 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SIMB-M02
Description  Intel짰 Atom??Mini-ITX with VGA/LVDS/HDMI, 6 COMs and LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-M02 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SIMB-M02 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-M02 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SIMB-M02
Ordering Information
P/N
CPU
Chipset
VGA
GbE
USB
COM
SATA
SIMB-M02-N2600A1E
Intel N2600 Processor
Intel NM10
1
1
7 (4 Rear, 3 Internal)
6 x RS-232 (2 Rear, 4 Internal)
2 SATA II
SIMB-M02-D2500A1E
Intel D2550 Processor
Intel NM10
1
1
7 (4 Rear, 3 Internal)
6 x RS-232 (2 Rear, 4 Internal)
2 SATA II
I/O View
Optional Accessories
Part Number
Description
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1700008461
USB cable with two ports, 30.5 cm
Packing List
Description
Quantity
SATA cable kit (SATA/POWER)
1
I/O shield
1
CPU Cooler
1 (D2550 only)
CPU Heatsink
1 (N2600 only)
Startup manual
1 (per 20 units)
Driver CD
1 (per 20 units)
Intel
Micro-FCBGA11
Intel
NM10
Tiger Point
BGA360
D-Sub
CRT RGB
Realtek 8111E
Realtek 8111E
(OPTIONAL)
DMI
RJ45
USB 2.0
8 bit GPIO
W83627D
RS-232 Rear IO X2
PS/2 KB, MS
H/W Monitor
SPI BIOS
Fintek
81216AD
HDMI
DDI 0
HDA
RS232
Pin Header x 4
Realtek
ALC892
SATA II
SATA II
SODIMM 2 DDR3 1067
4GB Max.
L-Out, M-in, L-in
FP Audio Header
SPDIF Header
Amp.
TPA3005
Amp.
Header
Rear USB x 4
Front USB x 3
SATA II
PCIe x1
RJ45
(OPTIONAL)
PCIe x1
PCIe x1
PCIe x1
USB
Mini Card
LVDS 1CH 18/24bit
LVDS1
ASM1453
CFAST
(OPTIONAL)
PCIe x1
TPM
(OPTIONAL)
LPC
SATA II



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com