Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIMB-M21 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SIMB-M21
Description  Intel짰 Core??i7/i5/i3/Celeron짰 Mini-ITX with VGA/HDMI/LVDS/Display Port, 4 COM and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-M21 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SIMB-M21 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-M21 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semi-Industrial Motherboards
Features
SIMB-M21
ƒ Intel rPGA988 socket supports Mobile Intel® Core™ i7/ i5/ i3/ Celeron®
processor
ƒ Intel HM65 chipset
ƒ Intel GMA HD 2000/ 3000 supports DirectX 10.1, OpenGL 3.0
ƒ Two 204-pin SODIMM sockets support up to 16 GB DDR3 1333/ 1066
SDRAM
ƒ Dual Intel Gigabit LAN : Intel 82579LM (LAN 1), Intel 82583V (LAN 2)
ƒ Supports multiple dual display functions : VGA, HDMI, DisplayPort, dual
channel 24-bit LVDS
ƒ 1 PCIe x16 Gen. 2, 1 mini PCIe, 1 CFast
ƒ 2 SATA III and 3 SATA II
ƒ 4 COM (3 with Power), 10 USB 2.0
Specifications
Processor System
CPU
Intel Core i7-2710QE
Intel Core i5-2510E
Intel Core i3-2330E
Intel Celeron B810
Core Number
4
2
2
2
Max. Speed
2.1 GHz
2.5 GHz
2.1 GHz
1.6 GHz
L2 Cache
6 MB
3 MB
3 MB
2 MB
Chipset
Intel HM65
BIOS
AMI 64 Mbit , SPI
Expansion Slots
PCI
-
PCIe x16
4.0 GB/s per direction, 1 slot
PCIe x1
-
Full-size Mini PCIe
1
Memory
Technology
Dual channel DDR3 1066/1333 MHz
Max. Capacity
16 GB
Socket
2 x 204-pin SODIMM
Graphics
Controller
Intel Graphics Media Accelerator HD 2000/3000
VRAM
Shared system memory up to 1.7 GB SDRAM
VGA
1, supports max. resolution 2048 x 1536
LVDS
1, dual channel 24-bit LVDS supports max resolution 1600 x 1200
HDMI
1, HDMI 1.3 supports max resolution 1920 x 1080
Display Port
1, supports max resolution 2560 x 1600
Dual Display
VGA + LVDS, VGA + DisplayPort, VGA + HDMI, DisplayPort + HDMI, LVDS + HDMI, LVDS + DisplayPort
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE-LAN1: Intel 82579LM , GbE-LAN2: Intel 82583V
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
600 MB/s (SATA III) / 300 MB/s (SATA II)
Channel
2/3
SSD
CFast
1
Rear I/O
VGA
1
Display Port
1
HDMI
1
Ethernet
2
USB
4 (USB 2.0)
Audio
3 (Line-out, Line-in, Mic-in)
Serial
1 (RS-232)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connectors
LVDS & Inverter
1
USB
6 (USB 2.0)
Serial
3 (RS-232)
SATA
5 (2 SATA III, 3 SATA II)
GPIO
8-bit (4-bit DI and 4-bit DO)
Watchdog Timer
Output
System reset
Interval
Programmable 1~ 255 sec/min
Security
TPM
Optional
Power Requirements
Power On
+12 V
+5 V
+3.3 V
-12 V
5 Vsb
2.59 A
0.97 A
1.10 A
0.56 A
0.31 A
Environment
Temperature
Operating
Non-Operating
0 ~ 50° C (32 ~ 122° F)
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
170 x 170 mm (6.69" x 6.69")
Intel® Core™ i7/i5/i3/Celeron® Mini-ITX
with VGA/HDMI/LVDS/Display Port, 4 COM
and Dual LAN
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 11-Jun-2012


Similar Part No. - SIMB-M21

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SIMB-M21-7G200A1E ADVANTECH-SIMB-M21-7G200A1E Datasheet
666Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Mini-ITX with VGA/HDMI/LVDS/Display Port, 4 COM and Dual LAN
SIMB-M21 ADVANTECH-SIMB-M21_14 Datasheet
666Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Mini-ITX with VGA/HDMI/LVDS/Display Port, 4 COM and Dual LAN
More results

Similar Description - SIMB-M21

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-270 ADVANTECH-AIMB-270 Datasheet
860Kb / 2P
Intel짰 Core i7/i5/Celeron Mini-ITX with VGA/DVI/LVDS, 6 COM, Dual LAN, PCIe x 16
20-Jan-2010
AIMB-280 ADVANTECH-AIMB-280 Datasheet
696Kb / 2P
Intel Core i7/Core i5/Core i3 Mini-ITX with VGA/DVI, 2 COM, Dual LAN, PCIex 16
20-Jan-2010
AIMB-580 ADVANTECH-AIMB-580 Datasheet
756Kb / 2P
Intel짰 Core i7/i5/i3/Pentium mATX with VGA/DVI, 4 COM, Dual LAN
20-Jan-2010
AIMB-780 ADVANTECH-AIMB-780 Datasheet
1Mb / 3P
Intel짰 Core??i7/i5/i3/Pentium/Xeon with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-201DS ADVANTECH-AIMB-201DS Datasheet
634Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 uFC-PGA988 Mini-ITX with 3 HDMI(CEC), 1 COM, Single LAN
AIMB-272 ADVANTECH-AIMB-272 Datasheet
2Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with CRT/DVI/HDMI/LVDS, 6 COM, Dual LAN, PCIe x16
SIMB-A21 ADVANTECH-SIMB-A21 Datasheet
321Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX with VGA/DVI, 6 COM and Dual LAN
AIMB-274 ADVANTECH-AIMB-274 Datasheet
1,009Kb / 2P
Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with VGA/DP/HDMI(DP)/LVDS(eDP),2 COM, Dual LAN, PCIe x16
SIMB-M21 ADVANTECH-SIMB-M21_14 Datasheet
666Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron짰 Mini-ITX with VGA/HDMI/LVDS/Display Port, 4 COM and Dual LAN
AIMB-281 ADVANTECH-AIMB-281_V01 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM, Dual LAN, PCIe x4
15-Feb-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com