Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3088 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3088
Description  3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3088 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3088 Datasheet HTML 1Page - KR Electronics, Inc. 3088 Datasheet HTML 2Page - KR Electronics, Inc. 3088 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2012, KR Electronics, Inc.
3088, Rev 0, December 6, 2012
KR Electronics, Inc.
KR Electronics part number 3088 is a 3.4 KHz notch filter. The
filter has a typical 3 dB bandwidth of 2.44KHz. Other center fre-
quencies and bandwidths are available. Please consult the facto-
ry.
General Description
KR Electronics, Inc.
Features
 3.4 KHz Notch Frequency
 2.44 KHz typical 3 dB Bandwidth
 High Attenuation in Notch
 50  Source
 1000  Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3088

ManufacturerPart #DatasheetDescription
logo
Heyco.
3088 HEYCO-3088 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Keystone Electronics Co...
3088 KEYSTONE-3088 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Tyco Electronics
308857-1 MACOM-308857-1 Datasheet
378Kb / 6P
This instruction sheet covers the application and maintenance procedures for Pneumatic Crimping Head Assembly
logo
Weidmuller
3088830000 WEIDMULLER-3088830000 Datasheet
512Kb / 7P
B2CF 3.50/20/180 AU OR BX SO
logo
Belden Inc.
3088A BELDEN-3088A Datasheet
158Kb / 2P
Inst, 1 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
More results

Similar Description - 3088

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
logo
KR Electronics, Inc.
3052 KR-3052 Datasheet
34Kb / 2P
Notch filter 198 KHz Notch Frequency 50 ??SMA Connectors
3053 KR-3053 Datasheet
34Kb / 2P
Notch filter 162 KHz Notch Frequency 50 ??SMA Connectors
3054 KR-3054 Datasheet
34Kb / 2P
Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
3035 KR-3035 Datasheet
61Kb / 2P
80 MHz Notch Frequency 20 MHz typical 3 dB Bandwidth 50 ??Source and Load
3036 KR-3036 Datasheet
61Kb / 2P
160 MHz Notch Frequency 40 MHz typical 3 dB Bandwidth 50 ??Source and Load
3137 KR-3137 Datasheet
96Kb / 3P
500 KHz Notch Frequency
3142 KR-3142 Datasheet
101Kb / 3P
1 MHz Notch Frequency
3252-N KR-3252-N Datasheet
83Kb / 3P
3.65 MHz Notch Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com