Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT40M82WVR Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT40M82WVR
Description  Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40M82WVR Datasheet(HTML) 4 Page - Advanced Power Technology

  APT40M82WVR Datasheet HTML 1Page - Advanced Power Technology APT40M82WVR Datasheet HTML 2Page - Advanced Power Technology APT40M82WVR Datasheet HTML 3Page - Advanced Power Technology APT40M82WVR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
5
10
50
100
400
.01
.1
1
10
50
0
100
200
300
400
500
600
0
0.4
0.8
1.2
1.6
2.0
APT40M82WVR
TC =+25°C
TJ =+150°C
SINGLE PULSE
200
100
50
10
5
1
.5
.1
20
16
12
8
4
0
OPERATION HERE
LIMITED BY RDS (ON)
TJ =+150°C
TJ =+25°C
Crss
APT's devices are covered by one or more of the following U.S.patents: 4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
Coss
Ciss
30,000
10,000
5,000
1,000
500
100
200
100
50
10
5
1
VDS=200V
VDS=80V
VDS=320V
I
D
= I
D
[Cont.]
10
µS
1mS
10mS
100mS
DC
100
µS
TO-267 Package Outline
5.00 (.197) BSC
1.80 (.071)
1.25 (.049)
20.45 (.805)
20.20 (.795)
4.19 (.165)
3.95 (.156)
Drain
Source
Gate
1.65 (.065)
1.40 (.055)
Dia. Typ.
3 Leads
20.32 (.800)
20.07 (.790)
19.05 (.750)
12.70 (.500)
24.15 (.951)
23.60 (.929)
10.23 (.403)
10.10 (.398)
Dimensions in Millimeters and (Inches)
4.20 (.165) BSC
7.40 (.291)
6.60 (.260)
16.90 (.665)
16.40 (.646)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com