Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4151 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4151
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4151 Datasheet HTML 24Page - Linear Technology LTC4151 Datasheet HTML 25Page - Linear Technology LTC4151 Datasheet HTML 26Page - Linear Technology LTC4151 Datasheet HTML 27Page - Linear Technology LTC4151 Datasheet HTML 28Page - Linear Technology LTC4151 Datasheet HTML 29Page - Linear Technology LTC4151 Datasheet HTML 30Page - Linear Technology LTC4151 Datasheet HTML 31Page - Linear Technology LTC4151 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC2945
29
2945f
TYPICAL APPLICATIONS
Wide Range –4V to –500V Negative Power Monitor (10kHz I2C Interface)
VEE
VEE
C2
0.1μF
CONTROL REGISTER A2 = 0
MOCD207M
MOCD207M
2945 TA10
ADR0
ADR1
ADIN
SCL
VDD
INTVCC
SDAI
SDAO
ALERT
SENSE–
GND
SENSE+
LTC2945
C1
0.1μF
VEE
R7
0.51k
R3
1k
R13
10k
M1
BSP135
R4
1k
VOUT
R8
0.51k
R9
10k
R10
10k
R11
10k
3.3V
RSNS
0.02Ω
VDD
GND
μP
SCL
SDA
INT
R1
2k
R2
2k
R12
5k
R6
750k
Z1
4.7V
R5
750k
RTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com