Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4071 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4071
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4071 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4071 Datasheet HTML 7Page - Linear Technology LTC4071 Datasheet HTML 8Page - Linear Technology LTC4071 Datasheet HTML 9Page - Linear Technology LTC4071 Datasheet HTML 10Page - Linear Technology LTC4071 Datasheet HTML 11Page - Linear Technology LTC4071 Datasheet HTML 12Page - Linear Technology LTC4071 Datasheet HTML 13Page - Linear Technology LTC4071 Datasheet HTML 14Page - Linear Technology LTC4071 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3330
11
3330p
For more information www.linear.com/LTC3330
OUT0,OUT1,OUT2(Pins30,31,32):VOUTVoltageSelect
Bits. Tie high to VIN3 or low to GND to select the desired
VOUT (see Table 1). Do not float.
pin FuncTions
GND (Exposed Pad Pin 11): Ground. The exposed pad
must be connected to a continuous ground plane on the
second layer of the printed circuit board by several vias
directly under the LTC3330.
block DiagraM
3330 BD
BANDGAP
REFERENCE
INTERNAL
RAIL
GENERATION
PRIORITZER
UVLO
UVLO_SET
SLEEP
VIN
VREF
AC1
20V
10
8
AC2
BAT
9
16
EH_ON
SLEEP
ILIM_SET
VREF
PGVOUT
PGLDO
29
28
27
+
+
SLEEP
0.9*VREF
VREF
+
+
0.925*VREF
CAP
11
SW
VIN2
GND
33
SWA
SWB
LDO_IN
VOUT
15
14
13
21
LDO_OUT
SCAP
BAL
20
1
2
VIN3
26
BUCK-BOOST
CONTROL
ILIM_SET
UVLO_SET
12
3
3
3
32, 31, 30
22, 23, 24
4
4, 5, 6, 7
UV[3:0]
3
19, 18, 17
IPK[2:0]
OUT[2:0]
LDO[2:0]
BUCK
CONTROL
LDO_EN
25
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com