Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3675 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3675
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3675 Datasheet HTML 2Page - Linear Technology LTC3675 Datasheet HTML 3Page - Linear Technology LTC3675 Datasheet HTML 4Page - Linear Technology LTC3675 Datasheet HTML 5Page - Linear Technology LTC3675 Datasheet HTML 6Page - Linear Technology LTC3675 Datasheet HTML 7Page - Linear Technology LTC3675 Datasheet HTML 8Page - Linear Technology LTC3675 Datasheet HTML 9Page - Linear Technology LTC3675 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3375
6
3375fa
For more information www.linear.com/3375
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VIN1-8 = 3.3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Interface Logic Pins (EN1, EN2, EN3, EN4, EN5, EN6, EN7, EN8)
VHI_ALLOFF
Enable Rising Threshold
All Regulators Disabled
l
400
730
1200
mV
VEN_HYS
Enable Hysteresis
60
mV
VHI
Enable Rising Threshold
At Least One Regulator Enabled
l
380
400
420
mV
IEN
Enable Pin Leakage Current
EN = VCC = VIN = 5.5V
–1
1
µA
Pushbutton Parameters, CT = 0.01µF
tPB_LO
PB Low Time to IRQ Low
ON High
28
50
72
ms
tPB_ON
PB Low Time to ON High
140
200
260
ms
tPB_OFF
PB Low to ON Forced Low
7
10
13
sec
tHR
Time for Which All Enabled Regulators
Are Disabled After KILL is Asserted High
ON High
0.7
1
1.3
sec
tIRQ_PW
IRQ Minimum Pulse Width
ON High
28
50
72
ms
tKILLH
Time in Which KILL Must Be Asserted
High
After ON Rising Edge
7
10
13
sec
tKILLL
KILL Low Time to ON Low
ON High
28
50
72
ms
tRST
RST Assertion Delay
160
230
300
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3375 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3375E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3375I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LTC3375H is guaranteed over the –40°C to 150°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes; operating lifetime is derated for junction temperatures
greater than 125°C. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature
(TJ in °C) is calculated from the ambient temperature (TA in °C) and
power dissipation (PD in Watts) according to the formula:
TJ = TA + (PD • θJA)
where
θJA (in °C/W) is the package thermal impedance.
Note 3: The LTC3375 includes overtemperature protection which protects
the device during momentary overload conditions. Junction temperatures
will exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 4: Static current, switches not switching. Actual current may be
higher due to gate charge losses at the switching frequency.
Note 5: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the maximum specified pin current rating may result in device
degradation over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com