Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3602 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3602
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3602 Datasheet HTML 8Page - Linear Technology LTC3602 Datasheet HTML 9Page - Linear Technology LTC3602 Datasheet HTML 10Page - Linear Technology LTC3602 Datasheet HTML 11Page - Linear Technology LTC3602 Datasheet HTML 12Page - Linear Technology LTC3602 Datasheet HTML 13Page - Linear Technology LTC3602 Datasheet HTML 14Page - Linear Technology LTC3602 Datasheet HTML 15Page - Linear Technology LTC3602 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC3633A/LTC3633A-1
12
3633a1f
When running the LTC3633A channels out of phase, the
large current pulses are interleaved, effectively reducing
the amount of time the pulses overlap. Thus, the total
RMS input current is decreased, which both relaxes the
capacitance requirements for the VIN bypass capacitors
and reduces the voltage noise on the supply line.
One potential disadvantage to this configuration occurs
when one channel is operating at 50% duty cycle. In this
situation, switching noise can potentially couple from one
channel to the other, resulting in frequency jitter on one
or both channels. This effect can be mitigated with a well
designed board layout.
APPLICATIONS INFORMATION
A general LTC3633A application circuit is shown on the
first page of this data sheet. External component selection
is largely driven by the load requirement and switching
frequency. Component selection typically begins with
the selection of the inductor L and resistor RT. Once the
inductor is chosen, the input capacitor, CIN, and the out-
put capacitor, COUT, can be selected. Next, the feedback
resistors are selected to set the desired output voltage.
Finally, the remaining optional external components can be
selected for functions such as external loop compensation,
tracking/soft-start, input UVLO, and PGOOD.
Programming Switching Frequency
Selection of the switching frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output ripple voltage.
Connecting a resistor from the RT pin to SGND programs
the switching frequency (f) between 500kHz and 4MHz
according to the following formula:
RRT =
3.2E11
f
where RRT is in Ω and f is in Hz.
When RT is tied to INTVCC, the switching frequency will
default to approximately 2MHz, as set by an internal re-
sistor. This internal resistor is more sensitive to process
and temperature variations than an external resistor
(see Typical Performance Characteristics) and is best used
for applications where switching frequency accuracy is
not critical.
Inductor Selection
For a given input and output voltage, the inductor value and
operating frequency determine the inductor ripple current.
More specifically, the inductor ripple current decreases
with higher inductor value or higher operating frequency
according to the following equation:
ΔIL =
VOUT
f• L
⎛
⎝
⎜
⎞
⎠
⎟ 1–
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
Where ΔIL=inductorripplecurrent,f=operatingfrequency
and L = inductor value. A trade-off between component
size, efficiency and operating frequency can be seen from
this equation. Accepting larger values of ΔIL allows the
use of lower value inductors but results in greater inductor
core loss, greater ESR loss in the output capacitor, and
larger output voltage ripple. Generally, highest efficiency
operation is obtained at low operating frequency with
small ripple current.
0
1000
2000
3000
5000
200
700
600
3633a F01
0
6000
4000
100
300
400
500
RT RESISTOR (kΩ)
Figure 1. Switching Frequency vs RT
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com