Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3757 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3757
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3959
7
3959f
PIN FUNCTIONS
DRIVE (Pin 28): DRIVE LDO Supply Pin. This pin can be
connected to either VIN or a quasi-regulated voltage supply
such as a DC converter output. This pin must be bypassed
to GND with a minimum of 1μF capacitor placed close to
the pin. Tie this pin to VIN if not used.
EN/UVLO (Pin 25): Shutdown and Undervoltage Detect
Pin. An accurate 1.22V (nominal) falling threshold with
externally programmable hysteresis detects when power
is okay to enable switching. Rising hysteresis is generated
by the external resistor divider and an accurate internal
2.2μA pull-down current. An undervoltage condition resets
soft-start. Tie to 0.4V, or less, to disable the device and
reduce VIN quiescent current below 1μA.
FBX (Pin 31): Voltage Regulation Feedback Pin for Positive
or Negative Outputs. Connect this pin to a resistor divider
between the output and SGND. FBX is the input of two error
amplifiers—one configured to regulate a positive output;
the other, a negative output. Depending upon topology
selected, switching causes the output to ramp positive or
negative. The appropriate amplifier takes control while the
other becomes inactive. Additionally FBX is input for two
window comparators that indicate through the PGOOD
pin when the output is within 5% of the regulation volt-
ages. FBX also modulates the switching frequency during
start-up and fault conditions when FBX is close to SGND.
GND (Pins 13-17): Source Terminal of Switch and the GND
Input to the Switch Current Comparator.
GNDK (Pin 12): Kelvin Connection Pin between GND and
SGND. Kelvin connect this pin to the SGND plane close
to the IC. See the Board Layout section.
INTVCC (Pin 36): Regulated Supply for Internal Loads and
Gate Driver. Regulated to 4.75V if powered from DRIVE
or regulated to 3.75V if powered from VIN. The INTVCC
pin must be bypassed to SGND with a minimum of 4.7μF
capacitor placed close to the pin.
NC (Pins 1-3, 6, 10, 23): No Internal Connection. Leave
these pins open or connect them to the adjacent pins.
PGOOD (Pin 35): Output Ready Status Pin. An open-
collector pull down on PGOOD asserts when INTVCC is
greater than 2.7V and the FBX voltage is within 5% (80mV
if VFBX = 1.6V or 40mV if VFBX = –0.8V) of the regulation
voltage.
RT (Pin 33): Switching Frequency Adjustment Pin. Set
the frequency using a resistor to SGND. Do not leave the
RT pin open.
SGND (Exposed Pad Pin 37, Pins 4, 24): Signal Ground.
Must be soldered directly to the signal ground plane.
Connect to ground terminal of: external resistor dividers
for FBX and EN/UVLO; capacitors for INTVCC, SS, and VC;
and resistor RT.
SS (Pin 32): Soft-Start Pin. This pin modulates compensa-
tion pin voltage (VC) clamp. The soft-start interval is set
with an external capacitor. The pin has a 10μA (typical)
pull-up current source to an internal 2.5V rail. The soft-
start pin is reset to SGND by an EN/UVLO undervoltage
condition, an INTVCC undervoltage condition or an internal
thermal lockout.
SW (Exposed Pad Pin 38, Pins 8, 9, 20, 21): Drain of
Internal Power N-Channel MOSFET.
SYNC (Pin 34): Frequency Synchronization Pin. Used to
synchronize the internal oscillator to an outside clock. If
this feature is used, an RT resistor should be chosen to
program a switching frequency 20% slower than SYNC
pulse frequency. Tie the SYNC pin to SGND if this feature
is not used. This signal is ignored during FB frequency
foldback or when INTVCC is less than 2.7V.
VIN (Pin 27): Supply Pin for Internal Leads and the VIN
LDO Regulator of INTVCC. Must be locally bypassed to GND
with a minimum of 1μF capacitor placed close to this pin.
VC (Pin 30): Error Amplifier Compensation Pin. Used to
stabilize the voltage loop with an external RC network. Place
compensation components between the VC pin and SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com