Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8410 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8410
Description  N FEMALE CIRCULATOR, 1-2 GHz, 10w
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8410 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8410 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE8410

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8411 PASTERNACK-PE8411 Datasheet
100Kb / 1P
N FEMALE CIRCULATOR 2-4 GHz 10w
PE8412 PASTERNACK-PE8412 Datasheet
270Kb / 1P
N FEMALE CIRCULATOR 4-8 GHz 10w
PE8413 PASTERNACK-PE8413 Datasheet
159Kb / 2P
50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8414 PASTERNACK-PE8414 Datasheet
161Kb / 2P
50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140 Datasheet
186Kb / 5P
Ultra-High Linearity Broadband Quad MOSFET Array
More results

Similar Description - PE8410

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2033 PASTERNACK-PE2033 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:1-2 GHz 2 OUTPUT PORTS
PE8310 PASTERNACK-PE8310 Datasheet
274Kb / 1P
N FEMALE ISOLATOR 1-2 GHz, 10W
PE8311 PASTERNACK-PE8311 Datasheet
248Kb / 1P
N FEMALE ISOLATOR 2-4 GHz 10w
PE8312 PASTERNACK-PE8312 Datasheet
250Kb / 1P
N FEMALE ISOLATOR 4.8 GHz 10W
PE8402 PASTERNACK-PE8402 Datasheet
83Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 4 TO 8 GHz
PE8403 PASTERNACK-PE8403 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:7-12.4 GHz
PE8404 PASTERNACK-PE8404 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 8 TO 18 GHz
PE8411 PASTERNACK-PE8411 Datasheet
100Kb / 1P
N FEMALE CIRCULATOR 2-4 GHz 10w
PE8412 PASTERNACK-PE8412 Datasheet
270Kb / 1P
N FEMALE CIRCULATOR 4-8 GHz 10w
logo
Rosenberger Hochfrequen...
SLJ12SP-53M53F-X-00 ROSENBERGER-SLJ12SP-53M53F-X-00 Datasheet
80Kb / 2P
1/2" JUMPER N MALE / N FEMALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com