Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW173KB1503F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MW173KB1503F01
Description  Medical Switch-Mode Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW173KB1503F01 Datasheet(HTML) 1 Page - SL Power Electronics

  MW173KB1503F01 Datasheet HTML 1Page - SL Power Electronics MW173KB1503F01 Datasheet HTML 2Page - SL Power Electronics MW173KB1503F01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
______________________________________________________________________________________________________________________________ 1 of 3
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Line and Load
Voltage Regulation
Excluding Cord
Line:
+/-1%
Load: +/-5%
Ripple
1% Vp-p max.
Transient Response
0.5mS for 50% Load Change,
typical.
Protection
Overcurrent Protection
(Hiccup).
Short Circuit Protection
Input Voltage Range Universal Input
100-240VAC, -10%, +10%
Line Frequency
47-63Hz
Input Current
90 VAC
1.0A, max.
Protection
Internal Primary Current Fuse,
Inrush Limiting
Thermal
Performance
Operating Temperature
full load, no derating,
convection cooling, Non-
vented case
0° C to 40° C
Relative Humidity
Non-condensing
5% to 95%
Altitude
0 to 10,000 feet
Output Specifications
Input Specifications
Environmental Specifications
Topology
Switching - Fixed Frequency
Flyback
Efficiency
Designed to meet EISA
Requirements - see page 3
Hold-up Time
@ 115VAC
18mS, min.
Dialectric Withstand
4,000VAC or 5,656VDC
Primary-Secondary;
1,500VAC or 2,150VDC
Primary - F.G;
500VDC Secondary - F.G.
Storage Temp.
-30° C to 85° C
Approvals and
Safety Standards
UL60601-1
IEC/EN60601-1
EMC: EN60601-1-2/
EN55024
MTBF
100,000 Calculated Hours
Case and
Dimensions
Desktop Style:
3.74"L x 2.13"W x 1.26"H
95mm L x 54mm W x 33mm
H
Case Material
Black 94V0 Polycarbonate
Cord and
Connectors
18AWG, 1,800mm 2
conductor. (5V, 6V model:
1,500mm). Ault #3 connector.
Other connectors are
available.
General Specifications
MW173KB
Universal 20 – 32 Watt Series
Medical Switch-Mode Power Supply
3 Year Warranty
100-240VAC Universal Input
Desktop Style
5V to 24V Single Output Models, up to 32W
Modified and Custom Designs
Regulated Output with Low Ripple
Impact-Resistant Polycarbonate Enclosure
No load Power Consumption < 0.50W
Designed to meet EISA Requirements (see page
3 for details).
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - MW173KB1503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW170KB0503F01 SLPOWER-MW170KB0503F01 Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW170KB0603F01 SLPOWER-MW170KB0603F01 Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW170KB0903F01 SLPOWER-MW170KB0903F01 Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW170KB1203F01 SLPOWER-MW170KB1203F01 Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
More results

Similar Description - MW173KB1503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MENB1010 SLPOWER-MENB1010 Datasheet
147Kb / 2P
Medical Switch-Mode Power Supply
MENB1020 SLPOWER-MENB1020 Datasheet
398Kb / 2P
Medical Switch-Mode Power Supply
MENB1040 SLPOWER-MENB1040 Datasheet
212Kb / 2P
Medical Switch-Mode Power Supply
MENB1050 SLPOWER-MENB1050 Datasheet
261Kb / 2P
Medical Switch-Mode Power Supply
MENB1060 SLPOWER-MENB1060 Datasheet
235Kb / 2P
Medical Switch-Mode Power Supply
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW172KB SLPOWER-MW172KB Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW174KB SLPOWER-MW174KB Datasheet
361Kb / 2P
Medical / Switch Mode Power Supply
MENB1121 SLPOWER-MENB1121_13 Datasheet
180Kb / 2P
Medical Switch-Mode Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com