Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMB-781 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-781
Description  LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-781 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-781 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-781 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server-grade IPCs
Features
ƒ ATX server board with 2nd generation Core™ i processor, quad LANs and
high thermal performance
ƒ LGA 1155 Intel® Xeon® E3-1200 and 2nd Core i3™ processors
ƒ DDR3 1333 MHz ECC UDIMM up to 32GB
ƒ One Gen 2.0 PCIe x16 or two PCIe x8 slots
ƒ Quad LANs with teaming function
ƒ Rackmount optimized placement for thermal green design
ƒ Supports IPMI, Embedded software APIs and utilities
LGA 1155 Intel® Xeon® E3 ATX Server
Board with 1 PCIe x16 or 2 PCIe x8,
Quad LANs
Specifications
Form Factor
ATX form factor
Processor System
CPU
Xeon E3-1275
Xeon E3-1225
i3-2120
PentiumG850
Celeron G540
Cores/Thread
4/8
4/4
2/4
2/2
2/2
Speed
3.4
3.1
3.3
2.9
2.5
L3 Cache
8 MB
6 MB
3 MB
3 MB
2 MB
Socket
LGA 1155
Chipset
Intel C206 chipset
BIOS
AMI 64 Mbit SPI (UEFI)
Memory
Technology
Dual Channel DDR3 ECC/Non-ECC 1066/1333 MHz
Max. Capacity
32 GB
Socket
4 x 240-pin DIMM
Memory size
1 GB, 2 GB, 4 GB, 8 GB
Expansion Slots
PCI 32-bit/33 MHz
3 slots
PCIe x 1 (Gen2) 500 MB/s per direction
1 slot
PCIe x 4 (Gen2) 2.0 GB/s per direction
1 slot
PCIe x16 (Gen2) 8 GB/s per direction
2 slot(Auto switch to x8 link if slot 4 is occupied)
Graphics
Controller
AST2300/1300
VRAM
DDR3 512 Mbit (64 MB)
Storage
IDE controller
-
SATA controller
Intel C206: 4 SATA2 3 Gb/s ports, 2 SATA3 6Gb/s Intel Matrix Storage (for Windows only)
(Supports software RAID 0, 1, 10 & 5)
SAS controller
-
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel 82579LM; GbE LAN2: Intel 82574L; GbE LAN3/4: Intel 82580DB (Optional)
Connector
RJ-45 x 4 for G4 version
Internal Connectors
Floppy connector
-
PSU connector
24-pin SSI power connector + 8-pin SSI 12 V power connector
USB connector
3 (supports 6 USB port), 2* Type-A
Fan header
5 x 4pin
SMBus
1
Chassis intruder
1
Front LAN LED
2
Serial port header
1 (RS-232)
Rear I/O Connectors
External serial port
1 (RS-232), COM1 don't support wake on modem
External USB port
4
VGA port
1
RJ-45
2 for G2 version, 4 for G4 version
PS/2 KB/mouse
2
Infiniband
-
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Requirement
Power On
3.3 V
5 V
12 V
V12_8P
5 Vsb
-V12
2.74 A
1.12 A
0.08 A
4.86 A
1.81 A
0.01 A
Environment
Operating
Non-operating
Temperature
0 ~ 60° C (32 ~ 140° F)
Depends on CPU speed and cooler solution
-40 ~ 85° C (-40 ~ 185° F)
Humidity
0% ~ 90%
5% ~ 95% (Non-condensing)
Physical Characteristics
Dimensions
304.8 x 244 mm (12" x 9.6")
ASMB-781
RoHS
COMPLIANT
2002/95/EC
Watchdog
H/W Monitor
SMBus
Monitoring
Utilities:
Software APIs:
Intel® C206
USB 2.0
6 SATA
IPMI
LPT
Type A USB
TPM Module Socket
COM
PCIe x1
COM/VGA
KBMS1
PCIe x4
Four GbEs/4USB
PCI
PCIe x16
Intel® LGA1155
Xeon® E3
Processors
DDR3 1333 MHz
Max 8GB
All product specifications are subject to change without notice
Last updated : 2-Nov-2012


Similar Part No. - ASMB-781

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
958Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-781G4-00A1E ADVANTECH-ASMB-781G4-00A1E Datasheet
958Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
ASMB-781G4-00A1E ADVANTECH-ASMB-781G4-00A1E Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-781 ADVANTECH-ASMB-781_V01 Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
More results

Similar Description - ASMB-781

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-782 ADVANTECH-ASMB-782 Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link), 2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-820I ADVANTECH-ASMB-820I Datasheet
2Mb / 2P
LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-584 ADVANTECH-ASMB-584 Datasheet
680Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
958Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
ASMB-782G2-00A1E ADVANTECH-ASMB-782G2-00A1E Datasheet
1Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link),2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-784G2-00A1E ADVANTECH-ASMB-784G2-00A1E Datasheet
968Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
ASMB-820I-00A1E ADVANTECH-ASMB-820I-00A1E Datasheet
581Kb / 2P
LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-781 ADVANTECH-ASMB-781_V01 Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-584 ADVANTECH-ASMB-584_V01 Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com