Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GF120LR Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT50GF120LR
Description  The Fast IGBT is a new generation of high voltage power IGBTs.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GF120LR Datasheet(HTML) 1 Page - Advanced Power Technology

  APT50GF120LR Datasheet HTML 1Page - Advanced Power Technology APT50GF120LR Datasheet HTML 2Page - Advanced Power Technology APT50GF120LR Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-264
(LR)
G
C
E
T-Max™
(B2R)
G
C
E
MIN
TYP
MAX
1200
-15
4.5
5.5
6.5
2.9
3.4
3.5
4.1
0.5
TBD
±100
Characteristic / Test Conditions
Collector-Emitter Breakdown Voltage (VGE = 0V, IC = 0.5mA)
Collector-Emitter Reverse Breakdown Voltage (VGE = 0V, IC = 50mA)
Gate Threshold Voltage
(VCE = VGE, IC = 700µA, Tj = 25°C)
Collector-Emitter On Voltage (VGE = 15V, IC = 50A, Tj = 25°C)
Collector-Emitter On Voltage (VGE = 15V, IC = 50A, Tj = 125°C)
Collector Cut-off Current (VCE = VCES, VGE = 0V, Tj = 25°C)
Collector Cut-off Current (VCE = VCES, VGE = 0V, Tj = 125°C)
Gate-Emitter Leakage Current (VGE = ±20V, VCE = 0V)
Symbol
BVCES
RBVCES
VGE(TH)
VCE(ON)
ICES
IGES
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Volts
mA
nA
Symbol
VCES
VCGR
VEC
VGE
IC1
IC2
ICM1
ICM2
EAS
PD
TJ,TSTG
TL
Parameter
Collector-Emitter Voltage
Collector-Gate Voltage (RGE = 20KΩ)
Emitter-Collector Voltage
Gate-Emitter Voltage
Continuous Collector Current @ TC = 25°C
Continuous Collector Current @ TC = 90°C
Pulsed Collector Current 1
@ TC = 25°C
Pulsed Collector Current 1
@ TC = 90°C
Single Pulse Avalanche Energy 2
Total Power Dissipation
Operating and Storage Junction Temperature Range
Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec.
APT50GF120B2R/LR
1200
1200
15
±20
80
50
160
100
85
390
-55 to 150
300
UNIT
Volts
Amps
mJ
Watts
°C
APT50GF120B2R
APT50GF120LR
1200V
80A
APT50GF120B2R
APT50GF120LR
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT Website - http://www.advancedpower.com
Fast IGBT
G
C
E
The Fast IGBT is a new generation of high voltage power IGBTs. Using
Non-Punch Through Technology the Fast IGBT offers superior ruggedness,
fast switching speed and low Collector-Emitter On voltage.
• Low Forward Voltage Drop
• High Freq. Switching to 20KHz
• Low Tail Current
• Ultra Low Leakage Current
• Avalanche Rated
• RBSOA and SCSOA Rated


Similar Part No. - APT50GF120LR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GF120LRG MICROSEMI-APT50GF120LRG Datasheet
2Mb / 44P
Power Semiconductors Power Modules
More results

Similar Description - APT50GF120LR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT100GF60JRD ADPOW-APT100GF60JRD Datasheet
77Kb / 5P
The Fast IGBT??is a new generation of high voltage power IGBTs.
APT20GF120BR ADPOW-APT20GF120BR Datasheet
74Kb / 5P
The Fast IGBT is a new generation of high voltage power IGBTs.
APT20GF120BRD ADPOW-APT20GF120BRD Datasheet
114Kb / 8P
The Fast IGBT??is a new generation of high voltage power IGBTs.
APT33GF120B2RD ADPOW-APT33GF120B2RD Datasheet
141Kb / 8P
The Fast IGBT??is a new generation of high voltage power IGBTs.
APT33GF120HR ADPOW-APT33GF120HR Datasheet
26Kb / 2P
The Fast IGBT is a new generation of high voltage power IGBTs
APT40GF120JRD ADPOW-APT40GF120JRD Datasheet
51Kb / 4P
The Fast IGBT??is a new generation of high voltage power IGBTs
APT50GF120JRD ADPOW-APT50GF120JRD Datasheet
51Kb / 4P
The Fast IGBT??is a new generation of high voltage power IGBTs.
APT50GF60B2RD ADPOW-APT50GF60B2RD Datasheet
112Kb / 7P
The Fast IGBT??is a new generation of high voltage power IGBTs.
APT50GF60BR ADPOW-APT50GF60BR Datasheet
82Kb / 5P
The Fast IGBT is a new generation of high voltage power IGBTs.
APT60GF120JRD ADPOW-APT60GF120JRD Datasheet
51Kb / 4P
The Fast IGBT??is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com