Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5CSV Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5CSV
Description  Simple to Set and Operate 1/16 DIN Size Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5CSV Datasheet HTML 1Page - Omron Electronics LLC E5CSV Datasheet HTML 2Page - Omron Electronics LLC E5CSV Datasheet HTML 3Page - Omron Electronics LLC E5CSV Datasheet HTML 4Page - Omron Electronics LLC E5CSV Datasheet HTML 5Page - Omron Electronics LLC E5CSV Datasheet HTML 6Page - Omron Electronics LLC E5CSV Datasheet HTML 7Page - Omron Electronics LLC E5CSV Datasheet HTML 8Page - Omron Electronics LLC E5CSV Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Temperature Controllers
E5CSV
3
■ Characteristics
Note: 1. The following exceptions apply to thermocouples.
• U, L: ±2° C ±1 digit max.
• R:
±3
° C ±1 digit max. at 200° C or less
2. The following exceptions apply to platinum resistance ther-
mometers.
Input set values 0, 1, 2, 3 for E5CSV: 0.5% FS ±1 digit max.
Input set value 1 for E5CSV: 0.5% FS ±1 digit max.
■ Electrical Life Expectancy Curve for Relays (Reference Values)
Setting accuracy
Thermocouple (See note 1.):
(±0.5% of indication value or ±1
° C, whichever is greater) ±1 digit max.
Platinum resistance thermometer (See note 2.):
(±0.5% of indication value or ±1
° C, whichever is greater) ±1 digit max.
Indication accuracy
(ambient temperature of 23
° C)
Influence of temperature
R thermocouple inputs:
(±1% of PV or ±10
° C, whichever is greater) ±1 digit max.
Other thermocouple inputs:
(±1% of PV or ±4
° C, whichever is greater) ±1 digit max.
Platinum resistance thermometer inputs:
(±1% of PV or ±2
° C, whichever is greater) ±1 digit max.
Influence of voltage
Hysteresis (for ON/OFF control)
0.2% FS (0.1% FS for multi-input (thermocouple/platinum resistance thermometer) models)
Proportional band (P)
1 to 999
° C (automatic adjustment using auto-tuning/self-tuning)
Integral time (I)
1 to 1,999 s (automatic adjustment using auto-tuning/self-tuning
Derivative time (D)
1 to 1,999 s (automatic adjustment using auto-tuning/self-tuning)
Alarm output range
Absolute-value alarm:
Same as the control range
Other:
0% to 100% FS
Alarm hysteresis:
0.2
° C or ° F (fixed)
Control period
2/20 s
Sampling period
500 ms
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying terminals of different polarity
Vibration
resistance
Malfunction 10 to 55 Hz, 20 m/s2 for 10 min each in X, Y, and Z directions
Destruction 10 to 55 Hz, 0.75-mm single amplitude for 2 hr each in X, Y, and Z directions
Shock resistance
Malfunction 100 m/s2 min., 3 times each in 6 directions
Destruction 300 m/s2 min., 3 times each in 6 directions
Life expectancy
Electrical
100,000 operations min. (relay output models)
Weight
Approx. 120 g (Controller only)
Degree of protection
Front panel: Equivalent to IP66; Rear case: IP20; Terminals: IP00
Memory protection
EEPROM (non-volatile memory) (number of writes: 1,000,000)
EMC
EMI Radiated:
EN 55011 Group 1 Class A
EMI Conducted:
EN 55011 Group 1 Class A
ESD Immunity:
EN 61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Radiated Electromagnetic Field Immunity:
EN 61000-4-3: 10 V/m (80-1000 MHz, 1.4-2.0 GHz amplitude modulated) (level 3)
10 V/m (900 MHz pulse modulated)
Conducted Disturbance Immunity:
EN 61000-4-6: 3 V (0.15 to 80 MHz) (level 2)
Noise Immunity (First Transient Burst Noise): EN 61000-4-4
Burst Immunity:
2 kV power-line (level 3), 1 kV I/O signal-line (level 3)
Surge Immunity:
EN 61000-4-5: Power line:
Normal mode 1 kV; Common mode 2 kV
Output line (relay output): Normal mode 1 kV; Common mode 2 kV
Voltage Dip/Interrupting Immunity:
EN 61000-4-11 0.5 cycle, 100% (rated voltage)
Approved standards
UL 61010C-1 (listing)
CSA C22.2 No.1010-1
Conformed standards
EN 61326, EN 61010-1, IEC 61010-1
VDE 0106 Part 100 (finger protection), when the terminal cover is mounted.
500
300
100
50
30
10
5
3
1
0
1
2345
6
Switching current (A)
E5CSV
250 VAC, 30 VDC
(resistive load)
cos
φ = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com