Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9618 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9618
Description  75 Ohm Mini SMB Jack to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9618 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9618 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9618 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm Mini SMB Jack to BNC Male Adapter
Configuration
Connector 1
Mini SMB Jack
Impedance 1
75 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
BNC Male
Impedance 2
75 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.21 [30.73]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
Mini SMB Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mini-smb-jack-bnc-male-straight-adapter-pe9618-p.aspx
75 Ohm Mini SMB Jack to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
75 Ohm Mini SMB Jack to BNC Male Adapter
PE9618
PE9618 REV


Similar Part No. - PE9618

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9612 PASTERNACK-PE9612 Datasheet
253Kb / 2P
75 Ohm N Male to Mini SMB Plug Adapter
PE9613 PASTERNACK-PE9613 Datasheet
238Kb / 2P
75 Ohm N Female to Mini SMB Plug Adapter
PE9614 PASTERNACK-PE9614 Datasheet
240Kb / 2P
75 Ohm N Male to Mini SMB Jack Adapter
More results

Similar Description - PE9618

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9608 PASTERNACK-PE9608 Datasheet
254Kb / 2P
75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9614 PASTERNACK-PE9614 Datasheet
240Kb / 2P
75 Ohm N Male to Mini SMB Jack Adapter
PE9616 PASTERNACK-PE9616 Datasheet
253Kb / 2P
75 Ohm Mini SMB Plug to BNC Male Adapter
PE9619 PASTERNACK-PE9619 Datasheet
251Kb / 2P
75 Ohm Mini SMB Jack to BNC Female Adapter
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
75 Ohm SMB Jack to SMB Jack Adapter
PE34703 PASTERNACK-PE34703 Datasheet
392Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703LF PASTERNACK-PE34703LF Datasheet
398Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com