Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9622 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9622
Description  75 Ohm TNC Female to TNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9622 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9622 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9622 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm TNC Female to TNC Female Adapter
Configuration
Connector 1
TNC Female
Impedance 1
75 Ohms
Connector 2
TNC Female
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.47 [11.94]
.
Connector 1
Type
TNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
TNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-female-tnc-female-straight-adapter-pe9622-p.aspx
75 Ohm TNC Female to TNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
75 Ohm TNC Female to TNC Female Adapter
PE9622
PE9622 REV


Similar Part No. - PE9622

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9620 PASTERNACK-PE9620 Datasheet
387Kb / 4P
Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring
logo
Pletronics, Inc.
PE9620DEV PLETRONICS-PE9620DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9620DV PLETRONICS-PE9620DV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
PE9623 PASTERNACK-PE9623 Datasheet
255Kb / 3P
75 Ohm TNC Male to TNC Female Right Angle Adapter
More results

Similar Description - PE9622

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9623 PASTERNACK-PE9623 Datasheet
255Kb / 3P
75 Ohm TNC Male to TNC Female Right Angle Adapter
PE9625 PASTERNACK-PE9625 Datasheet
247Kb / 2P
Isolated Ground 75 Ohm TNC Female to TNC Female Bulkhead Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
75 Ohm N Female to TNC Male Adapter
PE9629 PASTERNACK-PE9629 Datasheet
244Kb / 2P
75 Ohm N Female to TNC Female Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
75 Ohm TNC Male to BNC Female Adapter
PE9624 PASTERNACK-PE9624 Datasheet
349Kb / 3P
Bulkhead Hermetically Sealed 75 Ohm TNC Female to TNC Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
PE91083 PASTERNACK-PE91083 Datasheet
359Kb / 4P
75 Ohm TNC Female to F Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com