Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8222 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8222
Description  DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8222 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8222 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8222 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8222 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to
26.5 GHz
Configuration
Design
Inner DC Block
Body Style
Straight
Impedance
50 Ohms
Connector 1
2.92mm Male
Connector 2
2.92mm Female
Electrical Specifications
Frequency Range, GHz
0.01 to 26.5
Impedance, Ohms
50
Maximum VSWR
1.5:1
Maximum Insertion Loss, dB
0.5
Maximum Operating Voltage, Vrms
200
Mechanical Specifications
Size
Length, in [mm]
0.855 [21.72]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
2.92mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, Inch
5/16
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
2.92mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
DC Block on Inner Conductor 50 Ohm 2.92mm Male to
2.92mm Female Operating From 10 MHz to 26.5 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From
10 MHz to 26.5 GHz PE8222
PE8222
PE8222 REV


Similar Part No. - PE8222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8221 PASTERNACK-PE8221 Datasheet
212Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
More results

Similar Description - PE8222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8216 PASTERNACK-PE8216 Datasheet
193Kb / 3P
DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8218 PASTERNACK-PE8218 Datasheet
192Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8227 PASTERNACK-PE8227 Datasheet
179Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8240 PASTERNACK-PE8240 Datasheet
183Kb / 3P
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8250 PASTERNACK-PE8250 Datasheet
216Kb / 1P
HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8226 PASTERNACK-PE8226 Datasheet
229Kb / 3P
DC Block on Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com