Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8231 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8231
Description  75 OHM BNC MALE TO 75 OHM BNC FEMALE D,C BLOCK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8231 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8231 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE8231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8233 PASTERNACK-PE8233 Datasheet
205Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8234 PASTERNACK-PE8234 Datasheet
205Kb / 3P
75 Ohm N DC Block Operating From 100 MHz to 4 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
PE8236 PASTERNACK-PE8236 Datasheet
206Kb / 3P
DC Block on Inner and Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
More results

Similar Description - PE8231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9741 PASTERNACK-PE9741 Datasheet
107Kb / 1P
75 OHM BNC MALE TO F FEMALE
PE9743 PASTERNACK-PE9743 Datasheet
106Kb / 1P
75 OHM BNC FEMALE TO F MALE
PE33417 PASTERNACK-PE33417 Datasheet
101Kb / 1P
CABLE ASSEMBLY RG6A/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
PE33419 PASTERNACK-PE33419 Datasheet
101Kb / 1P
CABLE ASSEMBLY RG11A/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
PE33423 PASTERNACK-PE33423 Datasheet
102Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
PE33423LF PASTERNACK-PE33423LF Datasheet
98Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
PE33447 PASTERNACK-PE33447 Datasheet
135Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE
PE33445 PASTERNACK-PE33445 Datasheet
270Kb / 1P
CABLE ASEMBLY RG187A/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE
PE33439 PASTERNACK-PE33439 Datasheet
271Kb / 1P
CABLE ASSEMBLY RG11A/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com