Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2002-1U Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML2002-1U
Description  Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002-1U Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML2002-1U Datasheet HTML 1Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002-1U Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
P1/13
Version 0.6 Preliminary, Sept 2011
ML2002 Preliminary
ML2002 Series Static/Half Duty LCD COG Driver
Application
General Purpose Clock
High quality instrument
Telephone, mobile phone
Automotive
Handheld Device like PDA, MP3, or
PMP
Features
AGoldBumpChipwhichcanreduce pincountandarea.
Simplest designwith nochargepumptosupplyhigh voltage to
LCD
Only5pinisneededwhichcanreducespace.
Low operatingcurrent
Candisableinternalclockto reducecurrent.
Wide Logic & LCD power supply: 2.5V to 6.0V
No need to add external voltage regulator
Staticor1/2Dutydrivingwith1/2Bias
Number of segments: (Static) 48, (1/2 Duty) 96
Cascading structure to increase the number of driving
segments, it’s more flexible for different application.
Build-in LCD voltage driver, crystal oscillator,
internal RC oscillator and display control circuit.
Offerbestcontrastand widest viewingangleofTNLCD
technologyespeciallyinstaticmode.
No temperaturecompensationisneededforTopr= -40
oCto80oC.
ML2002 (COG) LCD driver can be cascaded to increase the number of segments drive, with Static
driving it can form a single piece of 48 (1 ICs) or 96 (2 ICs cascaded) segments driver. With 1/2 Duty, the
number of segment drive would be doubled. It targets at custom TN LCD COG Module product which
requires the best quality of TN LCD technology and small to medium number of segment display.
ML2002 series driver offers the best contrast, the widest viewing angle, the widest range of operating
voltage and temperature when compared to the high duty cycle driver. EMI and Noise protection circuit
has been added which tailor made for COG application.
General Description
Ordering Information
Part Number
Description
Package Form
ML2002-1U
One ML2002 LCD driver
Gold Bump Die
ML2002-2U
Two ML2002 LCD driver
Gold Bump Die


Similar Part No. - ML2002-1U

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML2002-1U MINILOGIC-ML2002-1U Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
More results

Similar Description - ML2002-1U

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML1001 MINILOGIC-ML1001 Datasheet
644Kb / 14P
ML1001 Series Static LCD COG Driver
ML2002 MINILOGIC-ML2002 Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
logo
Bolymin, Inc
BO320240B BOLYMIN-BO320240B Datasheet
193Kb / 1P
COG package LCD driver only
logo
Epson Company
S2S65A30 EPSON-S2S65A30 Datasheet
534Kb / 38P
One-chip solution, which can reduce system cost.
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20120G9D5T WALSIN-RFBLN20120G9D5T Datasheet
234Kb / 3P
Low insertion loss which can reduce power consumption
RFBLN1608050AM6T30 WALSIN-RFBLN1608050AM6T30 Datasheet
363Kb / 3P
Low insertion loss which can reduce power consumption
RFBLN2012090K3T WALSIN-RFBLN2012090K3T Datasheet
242Kb / 3P
Low insertion loss which can reduce power consumption
logo
Rohm
BU91R64CH-M3BW ROHM-BU91R64CH-M3BW Datasheet
3Mb / 73P
Low Duty LCD Segment Driver For Automotive COG Application
BU91R65CH-M3BW ROHM-BU91R65CH-M3BW Datasheet
3Mb / 73P
Low Duty LCD Segment Driver For Automotive COG Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com