Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML62133 Datasheet(PDF) 7 Page - Minilogic Device Corporation Limited

Part # ML62133
Description  Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62133 Datasheet(HTML) 7 Page - Minilogic Device Corporation Limited

Back Button ML62133 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 11Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
P7/12
Rev. G, July 2005
ML62
4) Supply Current vs. Input Voltage
5) Output Voltage vs. Ambient Temperature
6) Supply Current vs. Ambient Temperature
ML62302
2.9
2.95
3
3.05
3.1
-60
-40
-20
0
20
40
60
80
100
Ambient Temp Topr(℃
℃
℃
℃ )
VIN = 4.0V
CL = 0.1 uF(Tantalum)
IOUT = 10mA
IOUT = 40mA
ML62502
4.8
4.85
4.9
4.95
5
5.05
5.1
-60
-40
-20
0
20
40
60
80
100
Ambient Temp Topr(℃
℃
℃
℃ )
VIN = 6.0V
CL = 0.1uF (Tantalum)
IOUT = 10mA
IOUT = 40mA
ML62502
1
1.5
2
2.5
3
3.5
-60
-40
-20
0
20
40
60
80
100
Ambient Temp Topr(℃
℃
℃
℃ )
VIN = 6.0V
ML62302
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-60
-40
-20
0
20
40
60
80
100
Ambient Temp Topr(℃
℃
℃
℃ )
VIN = 4.0V
ML62502
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
Input Voltage VIN(V)
Topr =80 C
Topr =25 C
Topr =-40 C
ML62302
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
Input Voltage VIN(V)
Topr =80 C
Topr =25 C
Topr =-40 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com