Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

iQL48011A280V-009-R Datasheet(PDF) 1 Page - TDK Electronics

Part # iQL48011A280V-009-R
Description  72-308W Quarter Brick Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

iQL48011A280V-009-R Datasheet(HTML) 1 Page - TDK Electronics

  iQL48011A280V-009-R Datasheet HTML 1Page - TDK Electronics iQL48011A280V-009-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
141
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
iQL Series
Features
u Standard Quarter Brick Footprint
u 18-36, 36-75VDC Inputs
u 2.5V 60A, 28V 11A Nominal Outputs
u Through Hole Mounting
u 1500VDC Basic Isolation
u Baseplate cooling
u High operating efficiency (up to 93.5%)
u Constant switching frequency
72-308W Quarter Brick Converter
Model
IQL
Nominal Output Voltage
VDC
2.5
3.3
5
8.3
12
28
Input Voltage Range
VDC
See Model Selector
Ripple & Noise (max)(pk-pk)
(1)
mV
30
100
80
100
120
500
Line Regulation (max)
mV
5
6.6
10
30
60
100
Load Regulation (max)
mV
5
15
10
40
60
100
Overload Protection Threshold (3)
A
69
70
50
34
27.5
12.4
Overvoltage Protection (Typ)
(2) VDC
3.1
4.1
6.1
10
14.7
33.6
Overtemperature Protection
(3)
-
Yes
Remote Sense
-
Yes
Yes
Yes
No
No(4)
No
Remote On / Off
-
Negative Logic
Temperature (operating)
°C
-40 to 115
-40 to 115
-40 to 125
-40 to 119
-40 to 118
-40 to 115
Temperature (storage)
°C
-55 to 125
Humidity (operating)
-
20 to 95% (non-condensing)
Humidity (storage)
-
10 to 95% (non-condensing)
Cooling
-
Conduction, convection, or forced air
Isolation Voltage
VDC
1500 Input - Output, 1500 Input - Baseplate
Vibration (non operating)
-
5 to 50Hz@0.5g (4.9m/s2), and 50 to 500Hz@1.5g (14.7m/s2) per Bellcore TR-EOP-000063-5.4.4
Shock
-
50 G at 6 ms pulse in three axes
Safety Agency Approvals
-
UL60950 (US and Canada), VDE0805, CB scheme (IEC950), CE Mark (EN60950)
Weight (max)
g
55g open frame, 70g with base plate
Size
mm
57.9 x 36.8 x 13.21
Warranty
yrs
3 Years
Specifications
(1) See website for detailed specification and test methods.
(2) Latching
(3) Non-latching
(4) iQL24021A120V has remote sense
Key Market Segments & Applications


Similar Part No. - iQL48011A280V-009-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IQL48011A280V-009-R TDK-IQL48011A280V-009-R Datasheet
149Kb / 2P
DC-DC Converters
More results

Similar Description - iQL48011A280V-009-R

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
Quarter-brick DC Bus Converter
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
Quarter-brick DC Bus Converter
BQ55090QTA27 SYNQOR-BQ55090QTA27 Datasheet
1Mb / 14P
Quarter-brick DC-DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
Quarter-brick DC/DC Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
Quarter-brick DC/DC Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
Quarter-brick DC/DC Converter
logo
TDK Electronics
IQESERIES TDK-IQESERIES Datasheet
527Kb / 2P
96 - 204W Quarter Brick Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
QUARTER-BRICK DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com