Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5019 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5019
Description  Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5019 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5019 Datasheet HTML 1Page - Micrel Semiconductor MIC5019 Datasheet HTML 2Page - Micrel Semiconductor MIC5019 Datasheet HTML 3Page - Micrel Semiconductor MIC5019 Datasheet HTML 4Page - Micrel Semiconductor MIC5019 Datasheet HTML 5Page - Micrel Semiconductor MIC5019 Datasheet HTML 6Page - Micrel Semiconductor MIC5019 Datasheet HTML 7Page - Micrel Semiconductor MIC5019 Datasheet HTML 8Page - Micrel Semiconductor MIC5019 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5019
July 2012
2
Ordering Information
Part Number
Marking
Package
Junction Temperature Range
Lead Finish
MIC5019YFT
H9
4-pin 1.2mm x 1.2mm Thin QFN
-40˚C to +125˚C
Pb-Free
Note:
Thin QFN pin 1 identifier = “▲”
Pin Configuration
1.2mm x 1.2mm Thin QFN (FT)
(TOP View)
Pin Description
Pin
Number
Pin Name
Pin Function
1
VDD
Supply Voltage: +2.7V to +9V supply.
2
GND
Ground.
3
IN
Control Input: Logic high drives the gate output above the supply voltage. Logic low forces the
gate output near ground. Do not leave this pin floating.
4
OUT
Gate Output: Connection to gate of external MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com