Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5902-IPM Datasheet(PDF) 18 Page - Linear Technology

Part # LTP5902-IPM
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPM Datasheet(HTML) 18 Page - Linear Technology

Back Button LTP5902-IPM Datasheet HTML 14Page - Linear Technology LTP5902-IPM Datasheet HTML 15Page - Linear Technology LTP5902-IPM Datasheet HTML 16Page - Linear Technology LTP5902-IPM Datasheet HTML 17Page - Linear Technology LTP5902-IPM Datasheet HTML 18Page - Linear Technology LTP5902-IPM Datasheet HTML 19Page - Linear Technology LTP5902-IPM Datasheet HTML 20Page - Linear Technology LTP5902-IPM Datasheet HTML 21Page - Linear Technology LTP5902-IPM Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
A d v a nce d I n fo rm a t i o n
18
Linear Technology / Dust Networks
Eterna Datasheet
Parameter
Conditions
Min
Typ
Max
Units
at 0 dBm output power
26
mA
Active*
ARM Cortex-M3, RAM, and flash on;
radio and peripherals off
CLK = 7.37 MHz, Vcore = 1.8 V
2.4
mA
Flash write
Single bank write
3
mA
Flash erase
Single bank page or mass erase
2.5
mA
Radio Tx
Mesh Network - CLK = 7.3728 MHz,
AES active
0 dBm output power
+8 dBm output power
5.4
9.7
mA
mA
Radio Rx
Mesh Network - CLK = 7.3728 MHz,
AES active
4.5
mA
Note:
See section 3.0 for detailed operational definitions of states.
* CLK = Clock frequency of CPU and peripherals.
Current with autonomous MAC handling packet transmission and reception; CPU idle.
8.3
Radio Receive Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 7
Radio Receive Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Receiver sensitivity
PER = 1%, as specified by [ 1 ]
–93
dBm
Receiver sensitivity
PER = 50%
–95
dBm
Saturation (maximum input level)
0
dBm
Adjacent channel rejection (high
side)
Desired signal at -82 dBm, adjacent
modulated channel at 5 MHz, PER =
1%, as specified by [ 1 ]
22
dBc
Adjacent channel rejection (low
side)
Desired signal at -82 dBm, adjacent
modulated channel at -5 MHz, PER
= 1%, as specified by [ 1 ]
19
dBc
Alternate channel rejection (high
side)
Desired signal at -82 dBm, adjacent
modulated channel at 10 MHz, PER
= 1%, as specified by [ 1 ]
40
dBc
Alternate channel rejection (low
side)
Desired signal at -82 dBm, adjacent
modulated channel at -10 MHz, PER
= 1%, as specified by [ 1 ]
36
dBc
Second alternate channel
rejection
Desired signal at -82 dBm, adjacent
modulated channel at +/-10 MHz,
PER = 1%, as specified by [ 1 ]
42
dBc
Co-channel rejection
Desired signal at -82 dBm.
Undesired signal is 802.15.4
modulated at same frequency. PER
= 1%, as specified by [ 1 ]
–6
dBc
LO feed through
<–55
dBm
Frequency error tolerance
[ 1 ] requires ±40
±50
ppm
Symbol rate error tolerance
±50
ppm
RSSI input range
–10 to –90
dBm
RSSI accuracy
±6
dB
RSSI resolution
1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com