Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6417 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6417
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6417 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6417 Datasheet HTML 9Page - Linear Technology LTC6417 Datasheet HTML 10Page - Linear Technology LTC6417 Datasheet HTML 11Page - Linear Technology LTC6417 Datasheet HTML 12Page - Linear Technology LTC6417 Datasheet HTML 13Page - Linear Technology LTC6417 Datasheet HTML 14Page - Linear Technology LTC6417 Datasheet HTML 15Page - Linear Technology LTC6417 Datasheet HTML 16Page - Linear Technology LTC6417 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC6417
13
6417f
Typical perForMance characTerisTics
OIP3 at 600MHz vs VCM Over V+
OIP3 at 600MHz
vs PWRADJ Over Temperature
OIP3 at 600MHz
vs VCM Over Temperature
OIP3 at 700MHz vs VCM Over V+
OIP3 at 700MHz
vs PWRADJ Over Temperature
OIP3 at 700MHz
vs VCM Over Temperature
Supply Current vs Supply Voltage
Supply Current vs PWRADJ
Output 1dB Compression
vs Frequency and Supply Voltage
VCM (V)
6417 G46
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
45
40
30
35
20
15
25
–40°C
105°C
25°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G47
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
45
40
30
35
20
15
25
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G48
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
45
40
30
35
20
25
15
–40°C
105°C
85°C
25°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G49
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
45
40
30
35
20
15
25
–40°C
105°C
25°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
VCM (V)
6417 G50
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
45
40
30
35
20
15
25
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 5dBm/TONE
∆FREQ = 1MHz
PWRADJ (V)
6417 G51
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
45
40
30
35
20
25
15
–40°C
105°C
25°C
85°C
POUT = 5dBm/TONE
∆FREQ = 1MHz
FREQUENCY (MHz)
6417 G52
100
600
700
500
300
400
200
20
16
18
12
10
14
V+ = 5.25V
V+ = 5.0V
V+ = 4.75V
SUPPLY VOLTAGE (V)
6417 G53
0
5
4
2
3
1
140
100
120
40
60
20
0
80
PWRADJ (V)
6417 G54
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
130
120
100
110
80
90
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com