Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8001 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8001
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8001 Datasheet(HTML) 3 Page - Linear Technology

  LTM8001 Datasheet HTML 1Page - Linear Technology LTM8001 Datasheet HTML 2Page - Linear Technology LTM8001 Datasheet HTML 3Page - Linear Technology LTM8001 Datasheet HTML 4Page - Linear Technology LTM8001 Datasheet HTML 5Page - Linear Technology LTM8001 Datasheet HTML 6Page - Linear Technology LTM8001 Datasheet HTML 7Page - Linear Technology LTM8001 Datasheet HTML 8Page - Linear Technology LTM8001 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM8001
3
8001f
For more information www.linear.com/8001
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RUN = 3V unless otherwise noted (Note 3).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Buck Regulator
Minimum VIN0 Input Voltage
l
6
V
VOUT0 Output DC Voltage
0A < IOUT ≤ 3A, RFB0 Open
0A < IOUT ≤ 3A; RFB0 = 536Ω
1.2
24
V
V
VOUT0 Output DC Current
6V < VIN0 < 36V, VOUT = 3.3V
0
5
A
Quiescent Current Into VIN0
RUN = 0V
No Load
0.1
26
1
40
µA
mA
VOUT0 Line Regulation
6V < VIN0 < 36V, IOUT = 4.5A
±0.5
%
VOUT0 Load Regulation
VIN0 = 24V, 0A < IOUT < 4.5A
±1.2
%
VOUT0 RMS Voltage Ripple
VIN0 = 24V, IOUT = 4.5A
10
mV
Switching Frequency
RT = 39.2k
RT = 200k
1000
200
kHz
kHz
Voltage at FB0 Pin
l
1.15
1.19
1.21
V
Internal FBO Resistor
10
kΩ
RUN Pin Current
RUN = 1.45V
5.5
µA
RUN Threshold Voltage (Falling)
1.49
1.61
V
RUN Threshold Voltage (Rising)
1.63
1.75
V
ILIM Control Range
0
1.5
V
ILIM Pin Current
100
nA
ILIM Current Limit Accuracy
ILIM = 1.5V
ILIM = 0.75V
5.1
2.5
6.4
3.4
A
A
VREF Voltage
0.5mA Load
1.9
2
2.1
V
SS Pin Current
11
µA
SYNC Input Low Threshold
fSYNC = 500kHz
0.8
V
SYNC Input High Threshold
fSYNC = 500kHz
1.2
V
SYNC Input Current
SYNC = 0V
SYNC = 2V
–0.1
0.1
µA
µA
LDO Array
SET1-5 Pin Current
BIAS123 = BIAS45 = 2V, SETx = 0V, IOUT1-5 = 1mA
l
9.85
9.80
10
10
10.15
10.20
µA
µA
VOUTx – SETx Offset Voltage
BIAS123 = BIAS45 = 2V, SETx = 0V, IOUT1-5 = 1mA
l
–4
–6.5
4
6
mV
mV
Line Regulation for SET Current
1V < VOUT0 = VIN45 < 22V, IOUTx = 1mA (Note 4)
l
11
nA
Line Regulation for VOUT1-5
1V < VOUT0 = VIN45 < 22V, IOUTx = 1mA (Note 4)
0.25
mV
Load Regulation for SETx Current
IOUT1-5 = 1mA to 1.1A
1
nA
Load Regulation for VOUT1-5
IOUT1-5 = 1mA to 1.1A
l
34
52
mV
mV
Minimum Load Current for VOUT1-5 (Note 4)
VOUT0 = VIN45 = BIAS123 = BIAS45 = 10V
VOUT0 = VIN45 = BIAS123 = BIAS45 = 22V
l
l
500
1
µA
mA
BIAS123, BIAS45 Dropout Voltage
IOUT1-5 = 100mA
IOUT1-5 = 1.1A
l
1.2
1.6
V
V
VOUT0 to VOUT1-3 and VIN45 to VOUT4-5 Dropout
Voltage
IOUT1-5 = 100mA
IOUT1-5 = 1.1A
l
100
500
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com