Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8033 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8033
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 5 Page - Linear Technology

  LTM8033 Datasheet HTML 1Page - Linear Technology LTM8033 Datasheet HTML 2Page - Linear Technology LTM8033 Datasheet HTML 3Page - Linear Technology LTM8033 Datasheet HTML 4Page - Linear Technology LTM8033 Datasheet HTML 5Page - Linear Technology LTM8033 Datasheet HTML 6Page - Linear Technology LTM8033 Datasheet HTML 7Page - Linear Technology LTM8033 Datasheet HTML 8Page - Linear Technology LTM8033 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM8001
5
8001f
For more information www.linear.com/8001
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current,
VOUT0 = 8V
Efficiency vs Output Current,
VOUT0 = 12V
Efficiency vs Output Current,
VOUT0 = 18V
Efficiency vs Output Current,
VOUT0 = 24V
Input Current vs Output Current,
VOUT0 = 2.5V
Input Current vs Output Current,
VOUT0 = 3.3V
(TA = 25°C unless otherwise noted. Configured per Table 1, where applicable.)
Input Current vs Output Current,
VOUT0 = 5V
Input Current vs Output Current,
VOUT0 = 8V
Input Current vs Output Current,
VOUT0 = 12V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G04
85
80
1
2
3
5
75
70
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G05
85
80
1
2
3
5
75
70
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G06
85
80
75
1
2
3
5
VINO = 28V
VINO = 36V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G07
85
80
1
2
3
5
VINO = 28V
VINO = 36V
VOUT0 CURRENT (A)
0
0.9
1.2
1.5
4
8001 G08
0.6
0.3
0
1
2
3
5
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
0
0.2
0.6
0.8
1.0
2
4
5
1.8
8001 G09
0.4
1
3
1.2
1.4
1.6
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
1.5
2.0
2.5
4
8001 G10
1.0
0.5
0
1
2
3
5
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
1.5
2.0
2.5
3
5
8001 G11
1.0
0.5
0
1
2
4
3.0
3.5
4.0
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
2.0
2.5
3.0
4
8001 G12
1.5
1.0
1
2
3
5
0.5
0
VINO = 24V
VINO = 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com