Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3891 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 2 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC3890-3
2
38903f
For more information www.linear.com/3890-3
absoluTe MaxiMuM raTings
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3890EGN-3#PBF
LTC3890EGN-3#TRPBF
LTC3890GN-3
28-Lead Plastic SSOP
–40°C to 125°C
LTC3890IGN-3#PBF
LTC3890IGN-3#TRPBF
LTC3890GN-3
28-Lead Plastic SSOP
–40°C to 125°C
LTC3890HGN-3#PBF
LTC3890HGN-3#TRPBF
LTC3890GN-3
28-Lead Plastic SSOP
–40°C to 150°C
LTC3890MPGN-3#PBF
LTC3890MPGN-3#TRPBF
LTC3890GN-3
28-Lead Plastic SSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Input Supply Voltage (VIN)......................... –0.3V to 65V
Topside Driver Voltages
BOOST1, BOOST2 ..................................–0.3V to 71V
Switch Voltage (SW1, SW2) ......................... –5V to 65V
(BOOST1-SW1), (BOOST2-SW2) ................ –0.3V to 6V
RUN1, RUN2 ............................................... –0.3V to 8V
Maximum Current Sourced into Pin
from Source >8V...................................................100µA
SENSE1+, SENSE2+, SENSE1–
SENSE2– Voltages ..................................... –0.3V to 28V
PLLIN/MODE, INTVCC Voltage ..................... –0.3V to 6V
FREQ Voltage ........................................–0.3V to INTVCC
EXTVCC ..................................................... –0.3V to 14V
ITH1, ITH2, VFB1, VFB2 Voltages................... –0.3V to 6V
PGOOD1 Voltage ......................................... –0.3V to 6V
TRACK/SS1, TRACK/SS2 Voltages ............. –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3)
LTC3890E-3, LTC3890I-3 .................. –40°C to 125°C
LTC3890H-3 ...................................... –40°C to 150°C
LTC3890MP-3.................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ITH1
VFB1
SENSE1+
SENSE1–
FREQ
PLLIN/MODE
SGND
RUN1
RUN2
SENSE2–
SENSE2+
VFB2
ITH2
TRACK/SS2
TRACK/SS1
PGOOD1
TG1
SW1
BOOST1
BG1
VIN
PGND
EXTVCC
INTVCC
BG2
BOOST2
SW2
TG2
TJMAX = 150°C, θJA = 80°C/W
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com