Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3834 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3834
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3834 Datasheet HTML 9Page - Linear Technology LTC3834 Datasheet HTML 10Page - Linear Technology LTC3834 Datasheet HTML 11Page - Linear Technology LTC3834 Datasheet HTML 12Page - Linear Technology LTC3834 Datasheet HTML 13Page - Linear Technology LTC3834 Datasheet HTML 14Page - Linear Technology LTC3834 Datasheet HTML 15Page - Linear Technology LTC3834 Datasheet HTML 16Page - Linear Technology LTC3834 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTC3890-2
13
38902f
OPERATION (Refer to the Functional Diagram)
Light Load Current Operation (Burst Mode Operation,
Pulse-Skipping or Forced Continuous Mode)
(PLLIN/MODE Pin)
The LTC3890-2 can be enabled to enter high efficiency
Burst Mode operation, constant frequency pulse-skipping
mode, or forced continuous conduction mode at low load
currents. To select Burst Mode operation, tie the PLLIN/
MODE pin to a DC voltage below 0.8V (e.g., SGND). To
select forced continuous operation, tie the PLLIN/MODE
pin to INTVCC. To select pulse-skipping mode, tie the
PLLIN/MODE pin to a DC voltage greater than 1.2V and
less than INTVCC – 1.3V.
When a controller is enabled for Burst Mode operation, the
minimum peak current in the inductor is set to approxi-
mately 25% of the maximum sense voltage even though
the voltage on the ITH pin indicates a lower value. If the
average inductor current is higher than the load current,
the error amplifier, EA, will decrease the voltage on the
ITH pin. When the ITH voltage drops below 0.425V, the
internal sleep signal goes high (enabling sleep mode)
and both external MOSFETs are turned off. The ITH pin is
then disconnected from the output of the EA and parked
at 0.450V.
In sleep mode, much of the internal circuitry is turned off,
reducing the quiescent current that the LTC3890-2 draws.
If one channel is shut down and the other channel is in
sleep mode, the LTC3890-2 draws only 50μA of quiescent
current. If both channels are in sleep mode, the LTC3890-
2 draws only 60μA of quiescent current. In sleep mode,
the load current is supplied by the output capacitor. As
the output voltage decreases, the EA’s output begins to
rise. When the output voltage drops enough, the ITH pin
is reconnected to the output of the EA, the sleep signal
goes low, and the controller resumes normal operation
by turning on the top external MOSFET on the next cycle
of the internal oscillator.
When a controller is enabled for Burst Mode operation, the
inductor current is not allowed to reverse. The reverse cur-
rent comparator, IR, turns off the bottom external MOSFET
just before the inductor current reaches zero, preventing
it from reversing and going negative. Thus, the controller
operates in discontinuous operation.
In forced continuous operation or clocked by an external
clock source to use the phase-locked loop (see Frequency
Selection and Phase-Locked Loop section), the induc-
tor current is allowed to reverse at light loads or under
large transient conditions. The peak inductor current is
determined by the voltage on the ITH pin, just as in normal
operation. In this mode, the efficiency at light loads is lower
than in Burst Mode operation. However, continuous opera-
tion has the advantage of lower output voltage ripple and
less interference to audio circuitry. In forced continuous
mode, the output ripple is independent of load current.
When the PLLIN/MODE pin is connected for pulse-skipping
mode, the LTC3890-2 operates in PWM pulse-skipping
mode at light loads. In this mode, constant frequency
operation is maintained down to approximately 1% of
designed maximum output current. At very light loads, the
current comparator, ICMP, may remain tripped for several
cycles and force the external top MOSFET to stay off for
the same number of cycles (i.e., skipping pulses). The
inductor current is not allowed to reverse (discontinuous
operation). This mode, like forced continuous operation,
exhibits low output ripple as well as low audio noise and
reduced RF interference as compared to Burst Mode
operation. It provides higher low current efficiency than
forced continuous mode, but not nearly as high as Burst
Mode operation.
Frequency Selection and Phase-Locked Loop
(FREQ and PLLIN/MODE Pins)
The selection of switching frequency is a trade-off between
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
The switching frequency of the LTC3890-2’s controllers
can be selected using the FREQ pin.
If the PLLIN/MODE pin is not being driven by an external
clock source, the FREQ pin can be tied to SGND, tied to
INTVCC or programmed through an external resistor. Tying
FREQ to SGND selects 350kHz while tying FREQ to INTVCC
selects 535kHz. Placing a resistor between FREQ and SGND
allows the frequency to be programmed between 50kHz
and 900kHz, as shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com