Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1799 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1799
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1799 Datasheet(HTML) 4 Page - Linear Technology

  LTC1799 Datasheet HTML 1Page - Linear Technology LTC1799 Datasheet HTML 2Page - Linear Technology LTC1799 Datasheet HTML 3Page - Linear Technology LTC1799 Datasheet HTML 4Page - Linear Technology LTC1799 Datasheet HTML 5Page - Linear Technology LTC1799 Datasheet HTML 6Page - Linear Technology LTC1799 Datasheet HTML 7Page - Linear Technology LTC1799 Datasheet HTML 8Page - Linear Technology LTC1799 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC6995-1/LTC6995-2
4
699512f
For more information www.linear.com/6995
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, RST = 0V for LTC6995-1,
RST = V+ for LTC6995-2, DIVCODE = 0 to 15 (NDIV = 1 to 221), RSET = 50k to 800k, RLOAD = ∞, CLOAD = 5pF unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O
RST Pin Input Capacitance
2.5
pF
RST Pin Input Current
RST = 0V to V+
±10
nA
VIH
High Level RST Pin Input Voltage
(Note 6)
l
0.7 • V+
V
VIL
Low Level RST Pin Input Voltage
(Note 6)
l
0.3 • V+
V
IOUT(MAX)
Output Output Current
V+ = 2.7V to 5.5V
±20
mA
VOH
High Level Output Voltage (Note 7)
V+ = 5.5V
IOUT = –1mA
IOUT = –16mA
l
l
5.45
4.84
5.48
5.15
V
V
V+ = 3.3V
IOUT = –1mA
IOUT = –10mA
l
l
3.24
2.75
3.27
2.99
V
V
V+ = 2.25V
IOUT = –1mA
IOUT = –8mA
l
l
2.17
1.58
2.21
1.88
V
V
VOL
Low Level Output Voltage (Note 7)
V+ = 5.5V
IOUT = 1mA
IOUT = 16mA
l
l
0.02
0.26
0.04
0.54
V
V
V+ = 3.3V
IOUT = 1mA
IOUT = 10mA
l
l
0.03
0.22
0.05
0.46
V
V
V+ = 2.25V
IOUT = 1mA
IOUT = 8mA
l
l
0.03
0.26
0.07
0.54
V
V
tRST
Reset Propagation Delay
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
16
24
40
ns
ns
ns
tWIDTH
Minimum Input Pulse Width
V+ = 3.3V
5
ns
tr
Output Rise Time (Note 8)
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
1.1
1.7
2.7
ns
ns
ns
tf
Output Fall Time (Note 8)
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
1.0
1.6
2.4
ns
ns
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6995C is guaranteed functional over the operating
temperature range of –40°C to 85°C.
Note 3: The LTC6995C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6995C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but it is not tested or
QA sampled at these temperatures. The LTC6995I is guaranteed to meet
specified performance from –40°C to 85°C. The LTC6995H is guaranteed
to meet specified performance from –40°C to 125°C. The LTC6995MP is
guaranteed to meet specified performance from –55°C to 125°C.
Note 4: Frequency accuracy is defined as the deviation from the fOUT
equation, assuming RSET is used to program the frequency.
Note 5: See Operation section, Table 1 and Figure 2 for a full explanation
of how the DIV pin voltage selects the value of DIVCODE.
Note 6: The RST pin has hysteresis to accommodate slow rising or falling
signals. The threshold voltages are proportional to V+. Typical values can
be estimated at any supply voltage using VRST(RISING) ≈ 0.55 • V+ + 185mV
and VRST(FALLING) ≈ 0.48 • V+ – 155mV.
Note 7: To conform to the Logic IC Standard, current out of a pin is
arbitrarily given a negative value.
Note 8: Output rise and fall times are measured between the 10% and the
90% power supply levels with 5pF output load. These specifications are
based on characterization.
Note 9: Settling time is the amount of time required for the output to settle
within ±1% of the final frequency after a 0.5
× or 2× change in ISET.
Note 10: Jitter is the ratio of the deviation of the period to the mean of the
period. This specification is based on characterization and is not 100%
tested.
Note 11: Long-term drift of silicon oscillators is primarily due to the
movement of ions and impurities within the silicon and is tested at 30°C
under otherwise nominal operating conditions. Long-term drift is specified
as ppm/√kHr due to the typically nonlinear nature of the drift. To calculate
drift for a set time period, translate that time into thousands of hours, take
the square root and multiply by the typical drift number. For instance, a
year is 8.77kHr and would yield a drift of 266ppm at 90ppm/√kHr. Drift
without power applied to the device may be approximated as 1/10th of the
drift with power, or 9ppm/√kHr for a 90ppm/√kHr device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com