Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2365 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2365
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 10Page - Linear Technology LTC2365 Datasheet HTML 11Page - Linear Technology LTC2365 Datasheet HTML 12Page - Linear Technology LTC2365 Datasheet HTML 13Page - Linear Technology LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology LTC2365 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2315-12
14
231512f
For more information www.linear.com/2315-12
applicaTions inForMaTion
problems.Whenhighamplitudeunwantedsignalsareclose
in frequency to the desired signal frequency, a multiple
pole filter is required. High external source resistance,
combined with external shunt capacitance at Pin 4 and
13pF of input capacitance on the LTC2315-12 in sample
mode, will significantly reduce the internal 130MHz input
bandwidth and may increase the required acquisition time
beyond the minimum acquisition time (tACQ-MIN) of 40ns.
ADC Reference
A low noise, low temperature drift reference is critical to
achieving the full data sheet performance of the ADC. The
LTC2315-12 provides an excellent internal reference with
aguaranteed20ppm/°Cmaximumtemperaturecoefficient.
Foraddedflexibility,anexternalreferencemayalsobeused.
The high speed, low noise internal reference buffer is used
only in the internal reference configuration. The reference
buffer must be overdriven in the external reference con-
figuration with a voltage 50mV higher than the nominal
reference output voltage in the internal configuration.
Using the Internal Reference
The internal bandgap and reference buffer are active by
default when the LTC2315-12 is not in sleep mode. The
reference voltage at the REF pin scales automatically with
the supply voltage at the VDD pin. The scaling of the refer-
ence voltage with supply is shown in the following table.
External Reference
An external reference can be used with the LTC2315-12
if better performance is required or to accommodate a
larger input voltage span. The only constraints are that
the external reference voltage must be 50mV higher than
the internal reference voltage (see Table 2) and must be
less than or equal to the supply voltage (or 4.3V for the 5V
supply range). For example, a 3.3V external reference may
be used with a 3.3V VDD supply voltage to provide a 3.3V
analog input voltage span (i.e. 3.3V > 2.048V + 50mV).
Or alternatively, a 2.5V reference may be used with a 3V
supply voltage to provide a 2.5V input voltage range (i.e.
2.5V > 2.048V + 50mV). The LTC6655-3.3, LTC6655-2.5,
available from Linear Technology, may be suitable for
many applications requiring a high performance external
reference for either 3.3V or 2.5V input spans respectively.
Transfer Function
Figure 11 depicts the transfer function of the LTC2315-12.
The code transitions occur midway between successive
integer LSB values (i.e. 0.5LSB, 1.5LSB, 2.5LSB… FS-
0.5LSB). The output code is straight binary with 1LSB =
VREF/4,096.
Figure 11. LTC2315-12 Transfer Function
Table 2: Reference Voltage vs Supply Range
SUPPLY VOLTAGE (VDD)
REF VOLTAGE (VREF)
2.7V –> 3.6V
2.048V
4.75V –> 5.25V
4.096V
INPUT VOLTAGE (V)
231512 F11
111...111
111...110
000...000
000...001
FS – 1LSB
0 1LSB
Thereferencevoltagealsodeterminesthefull-scaleanalog
input range of the LTC2315-12. For example, a 2.048V
reference voltage will accommodate an analog input range
from0Vto2.048V.Ananaloginputvoltagethatgoesbelow
0V will be coded as all zeros and an analog input voltage
that exceeds 2.048V will be coded as all ones.
It is recommended that the REF pin be bypassed to ground
with a low ESR, 2.2µF ceramic chip capacitor for optimum
performance.
DC Performance
The noise of an ADC can be evaluated in two ways: signal-to-
noise ratio (SNR) in the frequency domain and histogram in
thetimedomain.TheLTC2315-12excelsinboth.Thenoisein
the time domain histogram is the transition noise associated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com