Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6906 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6906
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology LTC6906 Datasheet HTML 10Page - Linear Technology LTC6906 Datasheet HTML 11Page - Linear Technology LTC6906 Datasheet HTML 12Page - Linear Technology LTC6906 Datasheet HTML 13Page - Linear Technology LTC6906 Datasheet HTML 14Page - Linear Technology LTC6906 Datasheet HTML 15Page - Linear Technology LTC6906 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC6995-1/LTC6995-2
12
699512f
For more information www.linear.com/6995
Changing DIVCODE After Start-Up
Following start-up, the A/D converter will continue moni-
toring VDIV for changes. The LTC6995 will respond to
DIVCODE changes in less than one cycle.
tDIVCODE < 500 • tMASTER < tOUT
The output may have an inaccurate pulse width during the
frequency transition. But the transition will be glitch-free
and no high or low pulse can be shorter than the mas-
ter clock period. A digital filter is used to guarantee the
DIVCODEhassettledtoanewvaluebeforemakingchanges
to the output.
Start-Up Time
When power is first applied, the power-on reset (POR)
circuit will initiate the start-up time, tSTART. A supply
voltage of typically 1.4V (1.2V to 1.5V over temperature)
initiates the start-up sequence. The OUT pin is held low
during this time. The typical value for tSTART ranges from
0.5msto8msdependingonthemasteroscillatorfrequency
(independent of NDIV):
tSTART(TYP) = 500 • tMASTER
During start-up, the DIV pin A/D converter must deter-
mine the correct DIVCODE before the output is enabled.
The start-up time may increase if the supply or DIV pin
voltages are not stable. For this reason, it is recommended
to minimize the capacitance on the DIV pin so it will prop-
erly track V+. Less than 100pF will not affect performance.
Start-Up Behavior
Whenfirstpoweredup,theoutputisheldlow.Ifthepolarity
is set for non-inversion (POL = 0) and the output is enabled
at the end of the start-up time, OUT will begin oscillating.
If the output is being reset (RST = 1 for LTC6995-1 and
RST = 0 for LTC6995-2) at the end of the start-up time,
it will remain low due to the POL bit = 0. When reset is
released the oscillator starts and the output remains low
for precisely one half cycle of the programmed period.
In inverted operation (POL = 1), the start-up sequence is
similar. However, the LTC6995 does not know the correct
DIVCODE setting when first powered up, so the output
defaults low. At the end of tSTART, the value of DIVCODE is
recognizedandOUTgoeshigh(inactive)becausePOL = 1.
If the output is being reset (RST = 1 for LTC6995-1 and
RST = 0 for LTC6995-2) at the end of the start-up time,
it will remain high due to the POL bit = 1. When reset is
released the oscillator starts and the output remains high
for precisely one half cycle of the programmed period.
Figures7to10detailthepossiblestart-upsequences.
DIV
200mV/DIV
OUT
1V/DIV
10ms/DIV
699512
F05
V+ = 3.3V
RSET = 200k
V+
1V/DIV
OUT
1V/DIV
250µs/DIV
699512 F06
V+ = 2.5V
DIVCODE = 15
RSET = 50k
500µs
Figure 5. DIVCODE Change from 1 to 0
Figure 6. Typical Start-Up LTC6995-1 with RST = 0V
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com