Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6930 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC6930
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6930 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC6930 Datasheet HTML 20Page - Linear Technology LTC6930 Datasheet HTML 21Page - Linear Technology LTC6930 Datasheet HTML 22Page - Linear Technology LTC6930 Datasheet HTML 23Page - Linear Technology LTC6930 Datasheet HTML 24Page - Linear Technology LTC6930 Datasheet HTML 25Page - Linear Technology LTC6930 Datasheet HTML 26Page - Linear Technology LTC6930 Datasheet HTML 27Page - Linear Technology LTC6930 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC6995-1/LTC6995-2
24
699512f
For more information www.linear.com/6995
Typical applicaTions
1.5ms Radio Control Servo Reference Pulse Generator
RESET = OPEN
RUN = GND
20ms
FRAME RATE
GENERATOR
1.5ms
REFERENCE
PULSE
5V
20ms PERIOD
5V
R4
976k
R7
10k
C1
0.01µF
R5
102k
R6
121k
1.5ms PULSE
699512 TA03
LTC6995-1
RST
GND
SET
OUT
V+
DIV
5V
R1
1M
C2
0.1µF
R2
280k
R3
146k
LTC6993-1
TRIG
GND
SET
OUT
V+
DIV
Cycling (10 Seconds On/Off) Symmetrical Power Supplies
R8
1M
R2
1k
R11
5k
R3
50k
R6
20k
–15VIN
–15VOUT
C1
0.1µF
R9
392k
R1
100k
M4
Si4435DY
M3
Si9410
M1
Si9410
15VIN
15VOUT
M2
Si4435DY
699512 TA04
R10
237k
5V
LTC6995-1
RST
GND
SET
OUT
V+
DIV
Isolated AC Load Flasher
LTC6995-1
GND
SET
RSET
237k
V+
0.1µF
5V
5V
RST
5
2
10 SECONDS ON/OFF
6
6
4
2
1
4
3
1
OUT
DIV
R3
10k
OPEN = OFF
GND = ON
R2
392k
R5
5.94k
U3
NTE5642
ISOLATION BARRIER = 7500V
HOT
117V AC
NEUTRAL
AC
R6
10k
R4
215
R1
1M
C2
0.022µF
ZERO
CROSSING
U2
MOC3041M
R7
100
40W LAMP
699512 TA05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com