Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6201 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6201
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6201 Datasheet HTML 2Page - Linear Technology LT6201 Datasheet HTML 3Page - Linear Technology LT6201 Datasheet HTML 4Page - Linear Technology LT6201 Datasheet HTML 5Page - Linear Technology LT6201 Datasheet HTML 6Page - Linear Technology LT6201 Datasheet HTML 7Page - Linear Technology LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology LT6201 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2315-12
6
231512f
For more information www.linear.com/2315-12
Typical perForMance characTerisTics
16k point FFT fS = 5Msps
fIN = 500kHz
SNR, SINAD vs Input Frequency
(100kHz to 2.2MHz)
THD, Harmonics vs Input
Frequency (100kHz to 2.2MHz)
THD, Harmonics vs Input
Frequency (100kHz to 2.2MHz)
SNR, SINAD vs Temperature,
fIN = 500kHz
THD, Harmonics vs Temperature,
fIN = 500kHz
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram Near Mid-Scale
(Code 2048)
TA = 25°C, VDD = 5V, OVDD = 2.5V, fSMPL = 5Msps,
unless otherwise noted.
OUTPUT CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0.4
0.2
0.0
0.6
0.8
1.0
1024
2048
3072
4096
231512 G02
CODE
2047
2049
231512 G03
2048
2050
2051
σ = 0.33
0
10000
20000
30000
40000
60000
50000
231512 G04
INPUT FREQUENCY (kHz)
0
2500
2000
1000
500
1500
0
–20
–40
–60
–80
–100
–120
–140
VDD = 5V
SNR = 73.1dBFS
SINAD = 72.6dBFS
THD = –84dB
SFDR = 87dBc
INPUT FREQUENCY (kHz)
0
69
70
71
72
73
74
500
1000
1500
2000
2500
231512 G05
SINAD
SNR
SINAD
SNR
VDD = 5V
VDD = 3V
INPUT FREQUENCY (kHz)
0
–100
–95
–90
–85
–80
–75
500
1000
1500
2000
2500
231512 G06
THD
2ND
3RD
RIN/CIN = 50/47pF
fS = 5Msps
VDD = 3V
TEMPERATURE (°C)
–55 –35
68
70
69
71
72
74
73
75
–15 5
25 45 65 85 105 125
231512 G07
SNR
SNR
SINAD
SINAD
VDD = 5V
VDD = 3V
TEMPERATURE (°C)
–55 –35
–100
–95
–90
–85
–80
–75
–15 5
25 45 65 85 105 125
231512 G08
THD
3RD
2ND
VDD = 3V
OUTPUT CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0.4
0.2
0.0
0.6
0.8
1.0
1024
2048
3072
4096
231512 G01
INPUT FREQUENCY (kHz)
0
–100
–95
–90
–85
–80
–75
500
1000
1500
2000
2500
231512 G06a
THD
2ND
3RD
RIN/CIN = 50/47pF
fS = 5Msps
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com