Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2162 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2162
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2162 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2162 Datasheet HTML 3Page - Linear Technology LTC2162 Datasheet HTML 4Page - Linear Technology LTC2162 Datasheet HTML 5Page - Linear Technology LTC2162 Datasheet HTML 6Page - Linear Technology LTC2162 Datasheet HTML 7Page - Linear Technology LTC2162 Datasheet HTML 8Page - Linear Technology LTC2162 Datasheet HTML 9Page - Linear Technology LTC2162 Datasheet HTML 10Page - Linear Technology LTC2162 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6431-15
7
643115f
Typical perForMance characTerisTics
OIP3 vs Frequency Over
VCC Voltage
OIP3 vs Tone Spacing
Over Frequency
OIP3 vs Frequency Over
Case Temperature
OIP3 vs Frequency
OIP3 vs Power Out Over Frequency
FREQUENCY (MHz)
0
44
46
48
42
40
400
800
200
600
1000
38
36
50
643115 G08
VCC = 5V, T = 25°C
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50
VCC = 5V
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50
RF POWER OUT (dBm/TONE)
–10
38
48
50
52
–6
–2
2
34
44
36
46
32
30
42
40
–8
–4
6
10
0
4
8
643115 G09
50MHz
100MHz
200MHz
240MHz
300MHz
400MHz
500MHz
600MHz
700MHz
800MHz
900MHz
1000MHz
FREQUENCY (MHz)
0
44
46
48
700
42
40
200
400
100
900
300
500
800
600
1000
36
34
38
50
643115 G10
T = 25°C
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50
4.5V
4.75V
5V
5.25V
5.5V
VCC = 5V, T = 25°C
POUT = 2dBm/TONE
ZIN = ZOUT = 50
TONE SPACING (MHz)
0
44
46
48
14
42
40
4
8
2
18
6
10
16
12
20
38
36
50
643115 G11
50MHz
100MHz
200MHz
240MHz
300MHz
400MHz
500MHz
600MHz
700MHz
800MHz
900MHz
1000MHz
FREQUENCY (MHz)
0
40
45
700
35
30
200
400
100
900
300
500
800
600
1000
25
20
50
643115 G12
85°C
60°C
25°C
0°C
–20°C
–30°C
–40°C
VCC = 5V
POUT = 2dBm/TONE
fSPACE = 1MHz
ZIN = ZOUT = 50
A-Grade
TA = 25°C, VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless otherwise noted. Measurements are performed using Test Circuit A, measuring
from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com