Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9722 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9722
Description  Precision SMA Male to 3.5mm Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9722 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9722 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9722 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Male to 3.5mm Male Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
3.5mm Male
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
0.957 [24.31]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Hex Size, in.
5/16
Connector 2
Type
3.5mm Male
Hex Size, in.
5/16
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-3.5mm-male-straight-adapter-pe9722-p.aspx
Precision SMA Male to 3.5mm Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Precision SMA Male to 3.5mm Male Adapter
PE9722
PE9722 REV


Similar Part No. - PE9722

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9720 PASTERNACK-PE9720 Datasheet
88Kb / 1P
1.85mm FEMALE TO N MALE FREQUENCY RANGE; DC TO 18 GHz PRECISION ADAPTER
logo
Pletronics, Inc.
PE9720DEV PLETRONICS-PE9720DEV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
PE9720DV PLETRONICS-PE9720DV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9721 PASTERNACK-PE9721 Datasheet
84Kb / 1P
1.85mm FEMALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
PE9723 PASTERNACK-PE9723 Datasheet
253Kb / 3P
Precision SMA Male to 3.5mm Female Adapter
More results

Similar Description - PE9722

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
PE9330 PASTERNACK-PE9330 Datasheet
256Kb / 3P
Precision 3.5mm Male to 3.5mm Male Adapter
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
PE9649 PASTERNACK-PE9649 Datasheet
238Kb / 2P
Precision 3.5mm Male to 2.4mm Male Adapter
PE9657 PASTERNACK-PE9657 Datasheet
237Kb / 2P
Precision 3.5mm Male to 2.92mm Male Adapter
PE9679 PASTERNACK-PE9679 Datasheet
244Kb / 2P
Precision 3.5mm Male to 3.5mm Male Bulkhead Adapter
PE9723 PASTERNACK-PE9723 Datasheet
253Kb / 3P
Precision SMA Male to 3.5mm Female Adapter
PE9724 PASTERNACK-PE9724 Datasheet
254Kb / 3P
Precision SMA Female to 3.5mm Male Adapter
PE9746 PASTERNACK-PE9746 Datasheet
84Kb / 1P
3.5mm MALE TO 1.85mm MALE PRECISION ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com