Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9754 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9754
Description  Bulkhead 10-32 Female to BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9754 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9754 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9754 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Bulkhead 10-32 Female to BNC Female Adapter
Configuration
Connector 1
10-32 Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
BNC Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.165 [29.59]
Width/Dia., in [mm]
0.688 [17.48]
.
Connector 1
Type
10-32 Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/10-32-female-bnc-female-straight-adapter-pe9754-p.aspx
Bulkhead 10-32 Female to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Bulkhead 10-32 Female to BNC Female Adapter
PE9754
PE9754 REV


Similar Part No. - PE9754

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9751 PASTERNACK-PE9751 Datasheet
254Kb / 2P
10-32 Male to BNC Male Adapter
PE9752 PASTERNACK-PE9752 Datasheet
240Kb / 2P
10-32 Female to BNC Female Adapter
PE9753 PASTERNACK-PE9753 Datasheet
239Kb / 2P
10-32 Male to BNC Female Adapter
PE9755 PASTERNACK-PE9755 Datasheet
106Kb / 1P
BNC FEMALE TO 10-32 MALE BULKHEAD
More results

Similar Description - PE9754

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
PE9204 PASTERNACK-PE9204 Datasheet
244Kb / 2P
Bulkhead BNC Female to C Female Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9540 PASTERNACK-PE9540 Datasheet
255Kb / 2P
Bulkhead N Female to BNC Female Adapter
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9752 PASTERNACK-PE9752 Datasheet
240Kb / 2P
10-32 Female to BNC Female Adapter
PE9753 PASTERNACK-PE9753 Datasheet
239Kb / 2P
10-32 Male to BNC Female Adapter
PE9755 PASTERNACK-PE9755 Datasheet
106Kb / 1P
BNC FEMALE TO 10-32 MALE BULKHEAD
PE9757 PASTERNACK-PE9757 Datasheet
254Kb / 2P
Bulkhead 10-32 Female to 10-32 Female Adapter
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com