Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9780 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9780
Description  Mini SMP Female to Mini SMP Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9780 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9780 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9780 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9780 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Mini SMP Female to Mini SMP Female Adapter
Configuration
Connector 1
Mini SMP Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
Mini SMP Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 65
Maximum Operating Voltage, Volts
325
Frequency 1
Frequency, GHz
DC to 18
VSWR
1.11:1
Return Loss, dB
26
Insertion Loss, dB
0.21
Frequency 2
Frequency, GHz
18 to 26.5
VSWR
1.43:1
Return Loss, dB
15
Insertion Loss, dB
0.26
Frequency 3
Frequency, GHz
26.5 to 50
VSWR
1.58:1
Return Loss, dB
13
Insertion Loss, dB
0.35
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +155
Size
Length, in [mm]
0.21 [5.33]
Width/Dia., in [mm]
0.11 [2.79]
.
Connector 1
Type
Mini SMP Female
Mini SMP Female to Mini SMP Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini SMP Female to Mini SMP Female Adapter PE9780
PE9780
PE9780 REV


Similar Part No. - PE9780

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9781 PASTERNACK-PE9781 Datasheet
113Kb / 1P
MINI SMP MALE TO 2.92mm FEMALE
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
2.92mm FEMALE TO MINI SMP FEMALE
PE9783 PASTERNACK-PE9783 Datasheet
243Kb / 2P
TNC Male to BNC Female Right Angle Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
More results

Similar Description - PE9780

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
2.92mm FEMALE TO MINI SMP FEMALE
PE91051 PASTERNACK-PE91051 Datasheet
452Kb / 3P
Precision SMA Female to Mini SMP Female Adapter
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
logo
List of Unclassifed Man...
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91120 PASTERNACK-PE91120 Datasheet
376Kb / 3P
2.4mm Male to Mini SMP Female Adapter
PE91123 PASTERNACK-PE91123 Datasheet
376Kb / 3P
2.4mm Female to Mini SMP Female Adapter
PE91126 PASTERNACK-PE91126 Datasheet
378Kb / 3P
2.92mm Male to Mini SMP Female Adapter
PE91301 PASTERNACK-PE91301 Datasheet
355Kb / 3P
SMA Female to Mini SMP Female Adapter
PE91304 PASTERNACK-PE91304 Datasheet
362Kb / 3P
SMA Male to Mini SMP Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com