Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT60D100LCT Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT60D100LCT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT60D100LCT Datasheet(HTML) 1 Page - Advanced Power Technology

  APT60D100LCT Datasheet HTML 1Page - Advanced Power Technology APT60D100LCT Datasheet HTML 2Page - Advanced Power Technology APT60D100LCT Datasheet HTML 3Page - Advanced Power Technology APT60D100LCT Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C
= 50
°C, Duty Cycle = 0.5)
RMS Forward Current
Non-Repetitive Forward Surge Current (T
J
= 45
°C, 8.3ms)
Operating and StorageTemperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F
(AV)
I
F
(RMS)
I
FSM
T
J
,T
STG
T
L
Symbol
V
F
I
RM
C
T
L
S
Characteristic / Test Conditions
I
F
= 60A
Maximum Forward Voltage
I
F
= 120A
I
F
= 60A, T
J
= 150
°C
Maximum Reverse Leakage Current
V
R
= V
R
Rated
V
R
= V
R
Rated, T
J
= 125
°C
Junction Capacitance, V
R
= 200V
Series Inductance (Lead to Lead 5mm from Base)
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Volts
Amps
°C
UNIT
Volts
µA
pF
nH
MIN
TYP
MAX
2.5
2.1
2.0
250
500
65
10
APT60D100LCT
1000
60
100
540
-55 to 150
300
APT60D100LCT
1000V
2x60A
1
3
2
1 - Anode 1
2 - Common Cathode
Back of Case - Cathode
3 - Anode 2
PRODUCT BENEFITS
• Low Losses
• Low Noise Switching
• Cooler Operation
• Higher Reliability Systems
• Increased System Power
Density
MAXIMUM RATINGS
All Ratings Are Per Leg: TC = 25°C unless otherwise specified.
PRODUCT FEATURES
• Ultrafast Recovery Times
• Soft Recovery Characteristics
• Popular TO-264 Package
• Low Forward Voltage
• High Blocking Voltage
• Low Leakage Current
PRODUCT APPLICATIONS
• Parallel Diode
-Switchmode Power Supply
-Inverters
• Free Wheeling Diode
-Motor Controllers
-Converters
• Snubber Diode
• Uninterruptible Power Supply (UPS)
• Induction Heating
• High Speed Rectifiers
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
TO-264
1
2
3
USA
405 S.W. Columbia Street
Bend, Oregon 97702-1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
APT Website - http://www.advancedpower.com


Similar Part No. - APT60D100LCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT60D100LCT ADPOW-APT60D100LCT Datasheet
126Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
APT60D100LCT ISC-APT60D100LCT Datasheet
281Kb / 2P
Ultrafast Recover Rectifier
logo
Advanced Power Technolo...
APT60D100LCTG ADPOW-APT60D100LCTG Datasheet
126Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT60D100LCT ADPOW-APT60D100LCT_05 Datasheet
126Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT60D100LCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D100BCT ADPOW-APT15D100BCT Datasheet
59Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D100BHB ADPOW-APT15D100BHB Datasheet
58Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D30BCT ADPOW-APT15D30BCT Datasheet
33Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D100BCA ADPOW-APT30D100BCA Datasheet
23Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D20BCA ADPOW-APT30D20BCA Datasheet
23Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D20HCT ADPOW-APT30D20HCT Datasheet
24Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D40BCT ADPOW-APT30D40BCT Datasheet
59Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BCA ADPOW-APT30D60BCA Datasheet
23Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BHB ADPOW-APT30D60BHB Datasheet
49Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D40LCT ADPOW-APT60D40LCT Datasheet
27Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com